Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES1E Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # ES1E
Description  1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

ES1E Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  ES1E Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ES1E Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES1A – ES1J
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
Features
!
Glass Passivated Die Construction
!
Ideally Suited for Automatic Assembly
B
!
Low Forward Voltage Drop, High Efficiency
!
Surge Overload Rating to 30A Peak
D
!
Low Power Loss
A
!
Super-Fast Recovery Time
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
                             E
Mechanical Data
!
Case: SMA/DO-214AC, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.064 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
ES1A
ES1B
ES1C
ES1D
ES1E
ES1G
ES1J
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
@TL = 120°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
0.95
1.25
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Reverse Recovery Time (Note 1)
trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
10
pF
Typical Thermal Resistance (Note 3)
RJL
35
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
SMA/DO-214AC
Dim
Min
Max
A
2.50
2.90
B
4.00
4.60
C
1.20
1.60
D
0.152
0.305
E
4.80
5.28
F
2.00
2.44
G
0.051
0.203
H
0.76
1.52
All Dimensions in mm
1 of 2
ES1A – ES1J
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Similar Part No. - ES1E

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1E PANJIT-ES1E Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shanghai Yint Electroni...
ES1E YINT-ES1E Datasheet
533Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Jinan Jingheng (Group) ...
ES1E JINANJINGHENG-ES1E Datasheet
64Kb / 2P
   SUPER MOUNT DEVICES RECTIFIERS
logo
Guangdong Juxing Electr...
ES1E JUXING-ES1E Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
logo
Surge Components
ES1E SURGE-ES1E Datasheet
83Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
More results

Similar Description - ES1E

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1A WTE-ER1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES1A WTE-ES1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ER1A ZSELEC-ER1A Datasheet
150Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Won-Top Electronics
EFS1J WTE-EFS1J Datasheet
52Kb / 4P
   1.0A LOW VF SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES1000FL ZSELEC-ES1000FL Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
ES1AW ZSELEC-ES1AW Datasheet
146Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
1E1 ZSELEC-1E1 Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
DSR0.3A ZSELEC-DSR0.3A Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
GS1000FL ZSELEC-GS1000FL Datasheet
139Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
DSR1A ZSELEC-DSR1A Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com