Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB1S Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # EMB1S
Description  SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

EMB1S Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  EMB1S Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd EMB1S Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Peak Forward Surge Current
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC Method)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25C
f = 1MHz
j
0
0.2
0.4
0.6
0.8
1.0
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (C)
Fig. 1 Forward Derating Curve
A
Single phase half-wave
60 Hz resistive or inductive load
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
Pulse width = 300 s
j
°
µ
EMB1S – EMB6S
EMB1S - EMB6S
Alldatasheet


Similar Part No. - EMB1S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
EMB1S DYELEC-EMB1S Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP SUPER FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
EMB1S ZSELEC-EMB1S Datasheet
95Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
EMB1SU DYELEC-EMB1SU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SUPER FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - EMB1S

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
EABS151 ZSELEC-EABS151 Datasheet
94Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EMS1S ZSELEC-EMS1S Datasheet
95Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EMB1F ZSELEC-EMB1F Datasheet
95Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EABS21 ZSELEC-EABS21 Datasheet
94Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EABS1 ZSELEC-EABS1 Datasheet
94Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
EDB101 RECTRON-EDB101 Datasheet
229Kb / 4P
   GLASS PASSIVATED SUPER FAST SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
EMS1F ZSELEC-EMS1F Datasheet
96Kb / 2P
   SUPER FAST SURFACE MOUNT 1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
EDB101 RECTRON-EDB101 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST SILICON SURFACE MOUNT BRIDGE RECTIFIER
EMD1S RECTRON-EMD1S_02 Datasheet
35Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED MINI SUPER FAST SURFACE MOUNT BRIDGE RECTIFIER
EMD1S RECTRON-EMD1S Datasheet
316Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED MINI SUPER FAST SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com