Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3VH2245 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDTQS3VH2245
Description  QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH2245 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDTQS3VH2245 Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH2245 Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH2245 Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH2245 Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH2245 Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH2245 Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH2245 Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH2245 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDTQS3VH2245
2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
2003 Integrated Device Technology, Inc.
DSC-5591/6
c
INDUSTRIAL TEMPERATURE RANGE
DESCRIPTION:
The QS3VH2245 is a high bandwidth 8-bit bus switch. The QS3VH2245,
with25
ΩONresistanceand1.35nspropagationdelay,isidealforlinematching
andlownoiseenvironments. TheswitchescanbeturnedONunderthecontrol
oftheLVTTL-compatibleOutputEnable signalforbidirectionaldataflowwith
no added delay or ground bounce. In the ON state, the switches can pass
signals up to 5V. In the OFF state, the switches offer very high impedence at
theterminals.
The combination of small propagation delay, high OFF impedance, and
over-voltage tolerance makes the QS3VH2245 ideal for high performance
communicationapplications.
The QS3VH2245 is characterized for operation from -40
°C to +85°C.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
APPLICATIONS:
• Hot-swapping
• Low distortion analog switch
• Replaces mechanical relay
• ATM 25/155 switching
FEATURES:
• N channel FET switches with no parasitic diode to VCC
– Isolationunderpower-offconditions
– No DC path to VCC or GND
– 5V tolerant in OFF and ON state
• 5V tolerant I/Os
• Flat RON characteristics over operating range
• Rail-to-rail switching 0 - 5V
• Bidirectional dataflow with near-zero delay: no added ground
bounce
• Excellent RON matching between channels
•VCC operation: 2.3V to 3.6V
• High bandwidth
• LVTTL-compatible control Inputs
• Undershoot Clamp Diodes on all switch and control Inputs
• Low I/O capacitance, 4pF typical
•25
Ω resistors for low noise and line matching
• Available in QSOP and TSSOP packages
IDTQS3VH2245
QUICKSWITCH® PRODUCTS
2.5V / 3.3V 8-BIT HIGH
BANDWIDTH BUS SWITCH
FUNCTIONAL BLOCK DIAGRAM
B0
OE
A0
B1
A1
B2
A2
B3
A3
B4
A4
B5
A5
B6
A6
B7
A7
MARCH 2003


Similar Part No. - IDTQS3VH2245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH2245 IDT-IDTQS3VH2245 Datasheet
272Kb / 8P
   2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH2245 RENESAS-IDTQS3VH2245 Datasheet
438Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH2245 IDT-IDTQS3VH2245_14 Datasheet
272Kb / 8P
   2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - IDTQS3VH2245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH244 IDT-IDTQS3VH244_14 Datasheet
279Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH245 IDT-IDTQS3VH245 Datasheet
69Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
QS3VH245PAG IDT-QS3VH245PAG Datasheet
277Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH244 IDT-IDTQS3VH244 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH2245 RENESAS-IDTQS3VH2245 Datasheet
438Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
IDTQS3VH244 RENESAS-IDTQS3VH244 Datasheet
451Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
MAY 2013
IDTQS3VH245 RENESAS-IDTQS3VH245 Datasheet
448Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH383 IDT-IDTQS3VH383 Datasheet
80Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V 8-BIT HIGH BANDWIDTH BUS EXCHANGE BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211 Datasheet
63Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com