Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPCH1055L1R3 Datasheet(PDF) 1 Page - Kemet Corporation

Part No. MPCH1055L1R3
Description  Power, MPCH, 1300 nH, 20%
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

MPCH1055L1R3 Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 58da45ae-12f2-4b3b-a565-99d97f2860c1
KEMET Part Number: MPCH1055L1R3
(UPIC1055L1R300)
Power, MPCH, 1300 nH, 20%
Dimensions
Chip Size
4639
L
11.7mm MAX
W
10mm +/-0.3mm
T
5.5mm MAX
LL
2.1mm NOM
G
3mm +/-0.5mm
Packaging Specifications
Packaging: T&R, 380mm
Packaging Quantity: 500
General Information
Style: SMD Chip
Series: MPCH
Description: Shielded, Surface Mount
Inductor
Features: Large Current Inductors
RoHS: Yes
Core: Composite
Specifications
Inductance: 1.3 uH (0.1 MHz)
Inductance Tolerance: 20%
Temperature Range: -20/+120C
Shielded: Yes
Current:
17000 mAmps (Isat, 20% Drop
In Inductance), 18500 mAmps
(Irms, 40C Rise By Self Heating)
DC Resistance: 2.3 mOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn