Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL575 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HAL575
Description  Two-Wire Hall Effect Sensor Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL575 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HAL575 Datasheet HTML 1Page - List of Unclassifed Manufacturers HAL575 Datasheet HTML 2Page - List of Unclassifed Manufacturers HAL575 Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL575 Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL575 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL575 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL575 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL575 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL575 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
HAL57x, HAL58x
ADVANCE INFORMATION
5
Micronas
2. Functional Description
The HAL 57x, HAL 58x two-wire sensors are monolithic
integrated circuits which switch in response to magnetic
fields. If a magnetic field with flux lines perpendicular to
the sensitive area is applied to the sensor, the biased
Hall plate forces a Hall voltage proportional to this field.
The Hall voltage is compared with the actual threshold
level in the comparator. The temperature-dependent
bias increases the supply voltage of the Hall plates and
adjusts the switching points to the decreasing induction
of magnets at higher temperatures.
If the magnetic field exceeds the threshold levels, the
current source switches to the corresponding state. In
the low current consumption state, the current source is
switched off and the current consumption is caused only
by the current through the Hall sensor. In the high current
consumption state, the current source is switched on
and the current consumption is caused by the current
through the Hall sensor and the current source. The
built-in hysteresis eliminates oscillation and provides
switching behavior of the output signal without bounc-
ing.
Magnetic offset caused by mechanical stress is com-
pensated for by using the “switching offset compensa-
tion technique”. An internal oscillator provides a two-
phase clock. In each phase, the current is forced through
the Hall plate in a different direction, and the Hall voltage
is measured. At the end of the two phases, the Hall volt-
ages are averaged and thereby the offset voltages are
eliminated. The average value is compared with the
fixed switching points. Subsequently, the current con-
sumption switches to the corresponding state. The
amount of time elapsed from crossing the magnetic
switching level to switching of the current level can vary
between zero and 1/fosc.
Shunt protection devices clamp voltage peaks at the
VDD-pin together with external series resistors. Reverse
current is limited at the VDD-pin by an internal series
resistor up to –15 V. No external protection diode is
needed for reverse voltages ranging from 0 V to –15 V.
Fig. 2–1: HAL 57x, HAL 58x block diagram
Temperature
Dependent
Bias
Switch
Hysteresis
Control
Comparator
Current
Source
VDD
1
Clock
Hall Plate
GND
2, 3
HAL 57x, HAL58x
Reverse
Voltage &
Overvoltage
Protection
t
IDDlow
IDD
1/fosc = 6.9 µs
IDDhigh
B
BOFF
fosc
t
t
t
IDD
t
BON
Fig. 2–2: Timing diagram (example: HAL 581)


Similar Part No. - HAL575

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL575 MICRONAS-HAL575 Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
HAL575SF-E MICRONAS-HAL575SF-E Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
HAL575SF-K MICRONAS-HAL575SF-K Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
HAL575UA-E MICRONAS-HAL575UA-E Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
HAL575UA-K MICRONAS-HAL575UA-K Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
More results

Similar Description - HAL575

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
HAL573 MICRONAS-HAL573 Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
HAL566 MICRONAS-HAL566 Datasheet
231Kb / 21P
   Two-Wire Hall Effect Sensor Family
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
   Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com