Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB215QRGYTQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB215QRGYTQ1
Description  USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB215QRGYTQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB215QRGYTQ1 Datasheet HTML 1Page - Texas Instruments TUSB215QRGYTQ1 Datasheet HTML 2Page - Texas Instruments TUSB215QRGYTQ1 Datasheet HTML 3Page - Texas Instruments TUSB215QRGYTQ1 Datasheet HTML 4Page - Texas Instruments TUSB215QRGYTQ1 Datasheet HTML 5Page - Texas Instruments TUSB215QRGYTQ1 Datasheet HTML 6Page - Texas Instruments TUSB215QRGYTQ1 Datasheet HTML 7Page - Texas Instruments TUSB215QRGYTQ1 Datasheet HTML 8Page - Texas Instruments TUSB215QRGYTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
USB Host
(Head Unit)
TUSB215-Q1
USB
Connector
Cable
D2P
GND
5 V
VCC
D2M
D1P
D1M
DP
DM
DP
DM
Copyright © 2017, Texas Instruments Incorporated
TUSB215-Q1
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB215-Q1
SLLSF07 – SEPTEMBER 2017
TUSB215-Q1 USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified with the Following Results
Device Temperature Grade 2: –40°C to 105°C
Ambient Operating Temperature
Device HBM Classification Level H1C
Device CDM Classification Level C3
Compatible with USB 2.0, OTG 2.0 and BC 1.2
Pin strap or I2C Configurable
USB BC1.2 Charging Downstream Port (CDP)
controller
Support for LS, FS, HS signaling
Ultra-low USB Disconnect and Shutdown Power
Consumption
Scalable solution - Daisy Chain Device for High
Loss Applications
D1P/M and D2P/M Interchangeable and
Host/Device Agnostic
Supports up to 5m pre-channel or 2m post-
channel Cable Length
Four Selectable AC Boost Setting Via External
Pulldown Resistor
DC Boost Along With AC Boost for Best Signal
Integrity
2 Applications
Automotive Infotainment
Notebooks
Desktops
Docking Stations
Tablets
Cell Phones
Active Cable, Cable Extenders
Backplane
Televisions
3 Description
The TUSB215-Q1 is a USB High-Speed (HS) signal
conditioner, designed to compensate for ISI signal
loss in a transmission channel which helps passing
USB electrical compliance tests.
TUSB215-Q1 has a patent-pending design which is
agnostic to USB Low Speed (LS) and Full Speed
(FS) signals. LS and FS signal characteristics are
unaffected by the TUSB215-Q1 while HS signals are
compensated.
Programmable signal AC boost and DC boost permits
fine tuning device performance to optimize High
Speed signals at the connector, this allows use in
many different applications.
In addition, TUSB215-Q1 is compatible with the USB
On-The-Go
(OTG)
and
Battery
Charging
(BC)
protocols. TUSB215-Q1 further acts as Charging
Downstream Port (CDP) controller and handles the
necessary handshakes with the downstream device.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB215-Q1
VQFN (14)
3.50 mm x 3.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
SPACER
Simplified Schematic
Display


Similar Part No. - TUSB215QRGYTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB215 TI1-TUSB215 Datasheet
844Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB215I TI1-TUSB215I Datasheet
844Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB215IRGYR TI1-TUSB215IRGYR Datasheet
844Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB215IRGYT TI1-TUSB215IRGYT Datasheet
844Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB215RGYR TI1-TUSB215RGYR Datasheet
844Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
More results

Similar Description - TUSB215QRGYTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB215 TI1-TUSB215 Datasheet
844Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB214 TI1-TUSB214 Datasheet
836Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB217A TI-TUSB217A Datasheet
4Mb / 31P
[Old version datasheet]   TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB217A-Q1 TI-TUSB217A-Q1 Datasheet
3Mb / 33P
[Old version datasheet]   TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com