Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTPS1H000AQDGNRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # PTPS1H000AQDGNRQ1
Description  40-V 1-(ohm) Single-Channel Smart High-Side Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTPS1H000AQDGNRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  PTPS1H000AQDGNRQ1 Datasheet HTML 1Page - Texas Instruments PTPS1H000AQDGNRQ1 Datasheet HTML 2Page - Texas Instruments PTPS1H000AQDGNRQ1 Datasheet HTML 3Page - Texas Instruments PTPS1H000AQDGNRQ1 Datasheet HTML 4Page - Texas Instruments PTPS1H000AQDGNRQ1 Datasheet HTML 5Page - Texas Instruments PTPS1H000AQDGNRQ1 Datasheet HTML 6Page - Texas Instruments PTPS1H000AQDGNRQ1 Datasheet HTML 7Page - Texas Instruments PTPS1H000AQDGNRQ1 Datasheet HTML 8Page - Texas Instruments PTPS1H000AQDGNRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
TPS1H000-Q1
www.ti.com
SLVSDO6 – AUGUST 2017
Product Folder Links: TPS1H000-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TPS1H000-Q1
UNIT
DGN (HVSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
54
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44.9
°C/W
RθJB
Junction-to-board thermal resistance
34.6
°C/W
ψJT
Junction-to-top characterization parameter
2.1
°C/W
ψJB
Junction-to-board characterization parameter
34.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.6
°C/W
(1)
Value specified by design, not subject to production test
6.5 Electrical Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING VOLTAGE
VVS(nom)
Nominal operating voltage
4
40
V
VVS(uvr)
Undervoltage restart
VVS rising
3.5
3.7
4
V
VVS(uvf)
Undervoltage shutdown
VVS falling
3
3.2
3.4
V
V(uv,hys)
Undervoltage shutdown, hysteresis
0.5
V
OPERATING CURRENT
I(op)
Nominal operating current
VVS = 13.5 V, VIN = 5 V, VDIAG_EN =
0 V, IOUT = 0.1 A, ICL = 0.5 A.
5
mA
I(off)
Standby current
VVS = 13.5 V, VIN = VDIAG_EN = VCL =
VOUT = 0 V, TJ = 25 °C
0.5
µA
VVS = 13.5 V, VIN = VDIAG_EN = VCL =
VOUT = 0 V, TJ = 125 °C
3
I(off,diag)
Standby current with diagnostics
enabled
VVS = 13.5 V, VIN = 0 V, VDIAG_EN =
5 V
3
mA
t(off,deg)
Standby-mode deglitch time(1)
IN from high to low, if deglitch time
t(off,deg), the device enters into
standby mode.
12.5
ms
Ilkg(out)
Output leakage current in off-state
VVS = 13.5 V, VIN = VDIAG_EN = VOUT
= 0 V
3
µA
POWER STAGE
rDS(on)
On-state resistance
VVS ≥ 3.5 V, TJ = 25°C
1000
VVS ≥ 3.5 V, TJ = 150°C
2000
ICL(int)
Internal current limit
CL pin connected to GND
1
1.8
A
ICL(TSD)
Current-limit value percentage during
thermal shutdown
60%
VDS(clamp)
Drain
−to−source voltage internally
clamped
45
65
V
OUTPUT DIODE CHARACTERISTICS
VF
Drain
−to-source diode voltage
IN = 0, IOUT = −0.15 A
0.3
0.7
1
V
IR(1)
Continuous reverse current from
source to drain during a short-to-
battery condition(1)
t < 60 s, VIN= 0 V, TJ = 25°C.
1
A
IR(2)
Continuous reverse current from
source to drain during a reverse-
polarity condition(1)
t < 60 s, VIN= 0 V, TJ = 25°C. GND
pin 1-kΩ resistor in parallel with
diode.
1
A
LOGIC INPUT (IN, DIAG_EN)
VIH
Logic high-level voltage
2
V


Similar Part No. - PTPS1H000AQDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTPS1H200AQDGNRQ1 TI1-PTPS1H200AQDGNRQ1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
PTPS1HA08AQPWPRQ1 TI1-PTPS1HA08AQPWPRQ1 Datasheet
236Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
PTPS1HA08AQPWPRQ1 TI1-PTPS1HA08AQPWPRQ1 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
PTPS1HA08DQPWPRQ1 TI1-PTPS1HA08DQPWPRQ1 Datasheet
236Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
PTPS1HA08DQPWPRQ1 TI1-PTPS1HA08DQPWPRQ1 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
More results

Similar Description - PTPS1H000AQDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1H200-Q1 TI1-TPS1H200-Q1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
TPS1HA08-Q1 TI1-TPS1HA08-Q1 Datasheet
236Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS1HA08-Q1 TI1-TPS1HA08-Q1_18 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1 Datasheet
171Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_19 Datasheet
1Mb / 56P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1 Datasheet
304Kb / 10P
[Old version datasheet]   40-V, 16-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1 Datasheet
239Kb / 7P
[Old version datasheet]   40-V, 35-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_18 Datasheet
851Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1 Datasheet
239Kb / 7P
[Old version datasheet]   40-V, 50-m(ohm) Dual-Channel Smart High-Side Switch
TPS27S100 TI1-TPS27S100 Datasheet
1Mb / 36P
[Old version datasheet]   40-V, 80-m(ohm) Single-Channel High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com