Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0009501041 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0009501041
Description  3.96mm Pitch SPOX Crimp Housing, Female, with Friction Ramp, 4 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0009501041 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0009501041_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/10/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0009501041
Status:
Active
Overview:
SPOX™ Wire-to-Board Connectors
Description:
3.96mm Pitch SPOX Crimp Housing, Female, with Friction Ramp, 4 Circuits
Documents:
3D Model
Product Specification PS-5195-007-001 (PDF)
Drawing (PDF)
Product Specification PS-5273-003 (PDF)
Product Specification PS-5195-003 (PDF)
Product Specification PS-5273-004 (PDF)
Product Specification PS-5195-005-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
5195
Application
Signal, Wire-to-Board
Overview
SPOX™ Wire-to-Board Connectors
Product Name
SPOX
UPC
800753534421
Physical
Circuits (maximum)
4
Color - Resin
Natural
Flammability
94V-2
Gender
Receptacle
Glow-Wire Compliant
No
Material - Resin
Nylon
Net Weight
1206.400/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.96mm
Pitch - Termination Interface
3.96mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Engineering Number
5195-04
Reference - Drawing Numbers
Product Specification
PS-5195-003, PS-5195-005-001, PS-5195-007-001,
PS-5273-003, PS-5273-004
Sales Drawing
SD-5195-N
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
5195 Series
Mates With
5272 , 5273 , 5274 right angle PCB header,
5096 , 53405 , 5271
Use With
5194 , 5225
This document was generated on 10/10/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0009501041_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0009501041 MOLEX1-0009501041 Datasheet
108Kb / 2P
    3.96mm (.156") Pitch SPOX??Crimp Housing, Female, With Friction Ramp, 4 Circuits
More results

Similar Description - 0009501041_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0009501041 MOLEX1-0009501041 Datasheet
108Kb / 2P
    3.96mm (.156") Pitch SPOX??Crimp Housing, Female, With Friction Ramp, 4 Circuits
0009501061 MOLEX1-0009501061_17 Datasheet
35Kb / 1P
   3.96mm Pitch SPOX Crimp Housing, Female, with Friction Ramp, 6 Circuits
0009501121 MOLEX1-0009501121_17 Datasheet
30Kb / 1P
   3.96mm Pitch SPOX Crimp Housing, Female, with Friction Ramp, 12 Circuits
0009501051 MOLEX1-0009501051_17 Datasheet
35Kb / 1P
   3.96mm Pitch SPOX Crimp Housing, Female, with Friction Ramp, 5 Circuits
0009501101 MOLEX1-0009501101_17 Datasheet
31Kb / 1P
   3.96mm Pitch SPOX Crimp Housing, Female, with Friction Ramp, 10 Circuits
0009501031 MOLEX1-0009501031_17 Datasheet
35Kb / 1P
   3.96mm Pitch SPOX Crimp Housing, Female, with Friction Ramp, 3 Circuits
0009501111 MOLEX1-0009501111_17 Datasheet
31Kb / 1P
   3.96mm Pitch SPOX Crimp Housing, Female, with Friction Ramp, 11 Circuits
0009501021 MOLEX1-0009501021_17 Datasheet
35Kb / 1P
   3.96mm Pitch SPOX Crimp Housing, Female, with Friction Ramp, 2 Circuits
0009501071 MOLEX1-0009501071_17 Datasheet
35Kb / 1P
   3.96mm Pitch SPOX Crimp Housing, Female, with Friction Ramp, 7 Circuits
0009501081 MOLEX1-0009501081_17 Datasheet
35Kb / 1P
   3.96mm Pitch SPOX Crimp Housing, Female, with Friction Ramp, 8 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com