Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XOPA2810IDGKR Datasheet(PDF) 8 Page - Texas Instruments

Part # XOPA2810IDGKR
Description  OPA2810 Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XOPA2810IDGKR Datasheet(HTML) 8 Page - Texas Instruments

Back Button XOPA2810IDGKR Datasheet HTML 4Page - Texas Instruments XOPA2810IDGKR Datasheet HTML 5Page - Texas Instruments XOPA2810IDGKR Datasheet HTML 6Page - Texas Instruments XOPA2810IDGKR Datasheet HTML 7Page - Texas Instruments XOPA2810IDGKR Datasheet HTML 8Page - Texas Instruments XOPA2810IDGKR Datasheet HTML 9Page - Texas Instruments XOPA2810IDGKR Datasheet HTML 10Page - Texas Instruments XOPA2810IDGKR Datasheet HTML 11Page - Texas Instruments XOPA2810IDGKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
OPA2810
SBOS789 – AUGUST 2017
www.ti.com
Product Folder Links: OPA2810
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Electrical Characteristics: ±12 V
at TA = 25°C, VS+ = 12 V, VS– = –12 V, G = 2, VCM = 0 V, RF = 1 kΩ, RL = 1 kΩ, and CL = 5 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL
AC PERFORMANCE
SSBW
Small-signal bandwidth
G = 1, VO = 200 mVPP
90
MHz
C
G = 1, VO = 200 mVPP, CL = TBD
120
C
G = –1, VO = 200 mVPP
50
C
G = 2, VO = 200 mVPP
50
C
G = 5, VO = 200 mVPP
14
C
G = 10, VO = 200 mVPP
7
C
G = 100, VO = 200 mVPP
0.7
C
LSBW
Large-signal bandwidth
G = 2, VO = 2 VPP
30
MHz
C
G = 2, VO = 10 VPP
20
C
GBWP
Gain-bandwidth product
70
MHz
C
Bandwidth for 0.1-dB flatness
G = 1
12
MHz
C
SR
Slew rate (10%-90%)
G = 2, VO = 10-V step
170
V/µs
C
G = –1, VO = 10-V step
170
C
G = 1, VO = 10-V step
170
C
Rise time
VO = 1-V step
8
ns
C
Fall time
VO = 1-V step
8
ns
C
Settling time to 0.1%
G = 1, 2-V step
40
ns
C
G = 1, 10-V step
70
C
Settling time to 0.001%
G = 2, 10-V step
200
ns
C
G = 1, 10-V step
300
C
Overshoot, undershoot
G = 1, 10-V step
3%
C
G = –1, 10-V step
3%
C
Input overdrive recovery
G = 1, (VS– – 1 V) to (VS+ + 1 V) input
200
ns
C
Output overdrive recovery
G = 2, (VS– – 1 V) / 2 to (VS+ + 1 V) / 2
input
100
ns
C
HD2
Second-order harmonic distortion
f = 1 MHz, RL = 1 kΩ, VO = 2 VPP
–95
dBc
C
f = 1 MHz, RL = 500 Ω, VO = 2 VPP
–95
dBc
C
f = 1 MHz, RL = 1 kΩ, VO = 10 VPP
–80
dBc
C
f = 1 MHz, RL = 500 Ω, VO = 10 VPP
–80
dBc
C
f = 5 MHz, RL = 1 kΩ, VO = 2 VPP
–74
dBc
C
f = 5 MHz, RL = 500 Ω, VO = 2 VPP
–71
dBc
C
f = 5 MHz, RL = 1 kΩ, VO = 10 VPP
–53
dBc
C
f = 5 MHz, RL = 500 Ω, Vo = 10 VPP
–53
dBc
C
f = 100 kHz, RL = 1 kΩ, VO = 2 VPP
–115
dBc
C
f = 100 kHz, RL = 500 Ω, VO = 2 VPP
–115
dBc
C
f = 100 kHz, RL = 1 kΩ, VO = 10 VPP
–97
dBc
C
f = 100 kHz, RL = 500 Ω, VO = 10 VPP
–97
dBc
C


Similar Part No. - XOPA2810IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XOPA2810IDGKR TI1-XOPA2810IDGKR Datasheet
468Kb / 28P
[Old version datasheet]   Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
More results

Similar Description - XOPA2810IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2810 TI1-OPA2810_18 Datasheet
468Kb / 28P
[Old version datasheet]   Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
[Old version datasheet]   OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
National Semiconductor ...
LM7332 NSC-LM7332 Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Texas Instruments
OPA810 TI1-OPA810_V01 Datasheet
645Kb / 22P
[Old version datasheet]   OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
LM7332 TI-LM7332_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM7332 Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
Texas Instruments
OPA2810_1807 TI1-OPA2810_1807 Datasheet
2Mb / 48P
[Old version datasheet]   Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA2810_1812 TI1-OPA2810_1812 Datasheet
2Mb / 50P
[Old version datasheet]   Dual-Channel, 27-V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com