Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA837IDCKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA837IDCKR
Description  OPA837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA837IDCKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA837IDCKR Datasheet HTML 3Page - Texas Instruments OPA837IDCKR Datasheet HTML 4Page - Texas Instruments OPA837IDCKR Datasheet HTML 5Page - Texas Instruments OPA837IDCKR Datasheet HTML 6Page - Texas Instruments OPA837IDCKR Datasheet HTML 7Page - Texas Instruments OPA837IDCKR Datasheet HTML 8Page - Texas Instruments OPA837IDCKR Datasheet HTML 9Page - Texas Instruments OPA837IDCKR Datasheet HTML 10Page - Texas Instruments OPA837IDCKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7
OPA837
www.ti.com
SBOS673 – SEPTEMBER 2017
Product Folder Links: OPA837
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at 25°C, overtemperature limits by characterization and
simulation; (B) Not tested in production, limits set by characterization and simulation; (C) Typical value only for information.
(2)
For a complete selection of TI high speed amplifiers, visit www.ti.com.
(3)
Input offset voltage drift, input bias current drift, and input offset current drift are average values calculated by taking data at the end
points, computing the difference, and dividing by the temperature range. Typical drift specifications are ±1σ. Maximum drift specifications
are set by the min, max sample packaged test data using a wafer-level screened drift. Min, max drift is not specified by final automated
test equipment (ATE) nor by QA sample testing.
(4)
Current is considered positive out of the pin.
6.6 Electrical Characteristics: VS = 3 V
at VS+ = 5 V, VS– = 0 V, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and output referenced to mid-supply, and TA ≈ 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 20 mVPP, G = 1
85
105
MHz
C
VOUT = 20 mVPP, G = 2
45
C
VOUT = 20 mVPP, G = 10
5
C
GBP
Gain-bandwidth product
VOUT = 20 mVPP, G = 10
40
50
MHz
C
LSBW
Large-signal bandwidth
VOUT = 1 VPP, G = 2
30
MHz
C
Bandwidth for 0.1-dB flatness
VOUT = 200 mVPP, G = 2
6
MHz
C
SR
Slew rate
From LSBW(2)
65
V/µs
C
tR, tF
Rise, fall time
VOUT = 0.5-V step, G = 2, input tR = 10 ns
10
11
ns
C
Overshoot
VOUT = 2-V step, G = 2, input tR = 40 ns
7%
C
Settling time to 0.1%
VOUT = 0.5-V step, G = 1, input tR = 4 ns
35
ns
C
Settling time to 0.01%
VOUT = 0.5-V step, G = 1, input tR = 4 ns
50
ns
C
HD2
Second-order harmonic distortion
f = 100 kHz, VO = 1 VPP, G = 1 (see Figure 73)
–125
dBc
C
HD3
Third-order harmonic distortion
f = 100 kHz, VO = 1 VPP, G = 1 (see Figure 73)
–138
dBc
C
Input voltage noise
f = 500 Hz
4.9
nV/
√Hz
C
Voltage noise 1/f corner frequency See Figure 39
35
Hz
C
Input current noise
f = 10 kHz
0.4
pA/
√Hz
C
Current noise 1/f corner frequency
See Figure 39
5
kHz
C
Overdrive recovery time
G = 2, 2x output overdrive (see Figure 29)
65
ns
C
Closed-loop output impedance
f = 1 MHz, G = 1 (see Figure 38)
.14
Ω
C
DC PERFORMANCE
AOL
Open-loop voltage gain
VO = ±1 V, RL = 2 kΩ
120
133
dB
A
Input-referred offset voltage
TA ≈ 25°C
–130
±30
130
µV
A
TA = 0°C to +70°C
–170
±30
200
B
TA = –40°C to +85°C
–234
±30
226
B
TA = –40°C to +125°C
–234
±30
290
B
Input offset voltage drift(3)
DCK package, TA = –40°C to +125°C
–1.6
±0.4
1.6
µV/°C
B
Input offset voltage drift
DBV package, TA = –40°C to +125°C
–2.0
±0.4
2.0
µV/°C
B
Input bias current(4)
TA ≈ 25°C
145
320
510
nA
A
TA = 0°C to +70°C
50
320
659
B
TA = –40°C to +85°C
50
320
708
B
TA = –40°C to +125°C
50
320
840
B
Input bias current drift(3)
TA = –40°C to +125°C
0.8
1.5
3.3
nA/°C
B
Input offset current
TA ≈ 25°C
–40
±6
40
nA
A
TA = 0°C to +70°C
–46
±6
52
B
TA = –40°C to +85°C
–56
±6
55
B
TA = –40°C to +125°C
–56
±6
65
B
Input offset current drift(3)
TA = –40°C to +125°C
–250
±40
250
pA/°C
B


Similar Part No. - OPA837IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA837IDCKR TI1-OPA837IDCKR Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837IDCKR TI1-OPA837IDCKR Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837IDCKR TI-OPA837IDCKR Datasheet
2Mb / 63P
[Old version datasheet]   OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
REVISED DECEMBER 2018
More results

Similar Description - OPA837IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI-OPA837_V01 Datasheet
2Mb / 63P
[Old version datasheet]   OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
REVISED DECEMBER 2018
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
   200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
   High-Speed, Low-Power, Voltage Feedback Op Amp
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
   900MHz Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com