Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP873220RHDRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP873220RHDRQ1
Description  LP873220-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP873220RHDRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  LP873220RHDRQ1 Datasheet HTML 1Page - Texas Instruments LP873220RHDRQ1 Datasheet HTML 2Page - Texas Instruments LP873220RHDRQ1 Datasheet HTML 3Page - Texas Instruments LP873220RHDRQ1 Datasheet HTML 4Page - Texas Instruments LP873220RHDRQ1 Datasheet HTML 5Page - Texas Instruments LP873220RHDRQ1 Datasheet HTML 6Page - Texas Instruments LP873220RHDRQ1 Datasheet HTML 7Page - Texas Instruments LP873220RHDRQ1 Datasheet HTML 8Page - Texas Instruments LP873220RHDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
Output Current (A)
0.001
0.01
0.1
1
2
50
60
70
80
90
100
D002
Vin=3.7V, Vout=1.0V
Vin=3.7V, Vout=1.8V
Vin=3.7V, Vout=2.5V
SW_B0
VIN_B0
VIN_B1
VANA
VIN
FB_B0
VOUT_B0
LOAD
SDA
SCL
nINT
CLKIN (GPO2)
GNDs
EN
GPO
SW_B1
FB_B1
VOUT_B1
LOAD
PGOOD
VOUT_LDO1
VOUT_LDO0
VIN_LDO0
VIN_LDO1
VOUT_LDO0
VOUT_LDO1
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP873220-Q1
SNVSAT4 – SEPTEMBER 2017
LP873220-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
1
1 Features
1
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Input Voltage: 2.8 V to 5.5 V
Two High-Efficiency Step-Down DC-DC
Converters:
Output Voltage: 0.7 V to 3.36 V
Maximum Output Current 2 A
Programmable Output-Voltage Slew Rate from
0.5 mV/µs to 10 mV/µs
2-MHz Switching Frequency
Spread-Spectrum Mode and Phase
Interleaving for EMI Reduction
Two Linear Regulators:
Input Voltage: 2.5 V to 5.5 V
Output Voltage: 0.8 V to 3.3 V
Maximum Output Current 300 mA
Configurable General-Purpose Output Signals
(GPO, GPO2)
Interrupt Function with Programmable Masking
Programmable Power-Good Signal (PGOOD)
Output Short-Circuit and Overload Protection
Overtemperature Warning and Protection
Overvoltage Protection (OVP) and Undervoltage
Lockout (UVLO)
28-pin, 5-mm × 5-mm VQFN Package with
Wettable Flanks
Simplified Schematic
2 Applications
Automotive Head Unit and Cluster
Automotive Camera Module
Surround View System ECU
Radar System ECU
Automotive Display
3 Description
The LP873220-Q1 is designed to meet the power
management requirements of the latest processors
and platforms in automotive camera and radar
applications. The device contains two step-down DC-
DC converters and two linear regulators and general-
purpose
digital-output
signals.
The
device
is
controlled by an I2C-compatible serial interface and
by an enable signal.
The automatic PWM/PFM (AUTO mode) operation
gives high efficiency over a wide output-current
range. The LP873220-Q1 supports remote voltage
sensing to compensate IR drop between the regulator
output and the point-of-load (POL) thus improving the
accuracy of the output voltage. In addition the
switching clock can be forced to PWM mode and also
synchronized to an external clock to minimize the
disturbances.
The
LP873220-Q1
device
also
supports
programmable start-up and shutdown delays and
sequences including GPO signals synchronized to
the enable signal. During start-up and voltage
change, the device controls the output slew rate to
minimize output voltage overshoot and the in-rush
current.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP873220-Q1
VQFN (28)
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DC-DC Efficiency vs Output Current


Similar Part No. - LP873220RHDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP873220RHDRQ1 TI1-LP873220RHDRQ1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
More results

Similar Description - LP873220RHDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8732-Q1 TI-LP8732-Q1_V01 Datasheet
6Mb / 85P
[Old version datasheet]   LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI-LP8733-Q1_V01 Datasheet
6Mb / 85P
[Old version datasheet]   LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP8732-Q1 TI-LP8732-Q1_V02 Datasheet
2Mb / 86P
[Old version datasheet]   LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8733-Q1 TI-LP8733-Q1_V02 Datasheet
2Mb / 86P
[Old version datasheet]   LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8732-Q1 TI-LP8732-Q1_V03 Datasheet
3Mb / 86P
[Old version datasheet]   LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
LP87332D-Q1 TI1-LP87332D-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   LP87332D-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP873220 TI1-LP873220 Datasheet
3Mb / 74P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI1-LP8733-Q1 Datasheet
6Mb / 85P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87322B-Q1 TI1-LP87322B-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP873222-Q1 TI1-LP873222-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com