Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP87332D-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D-Q1
Description  LP87332D-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP87332D-Q1 Datasheet HTML 7Page - Texas Instruments LP87332D-Q1 Datasheet HTML 8Page - Texas Instruments LP87332D-Q1 Datasheet HTML 9Page - Texas Instruments LP87332D-Q1 Datasheet HTML 10Page - Texas Instruments LP87332D-Q1 Datasheet HTML 11Page - Texas Instruments LP87332D-Q1 Datasheet HTML 12Page - Texas Instruments LP87332D-Q1 Datasheet HTML 13Page - Texas Instruments LP87332D-Q1 Datasheet HTML 14Page - Texas Instruments LP87332D-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
11
LP87332D-Q1
www.ti.com
SNVSAT1 – SEPTEMBER 2017
Product Folder Links: LP87332D-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Cb refers to the capacitance of one bus line.
6.6 I
2C Serial Bus Timing Parameters
These specifications are ensured by design. Unless otherwise noted, VIN_Bx = 3.7 V. See
(1) and Figure 1.
MIN
MAX
UNIT
fSCL
Serial clock frequency
Standard mode
100
kHz
Fast mode
400
Fast mode+
1
MHz
High-speed mode, Cb = 100 pF
3.4
High-speed mode, Cb = 400 pF
1.7
tLOW
SCL low time
Standard mode
4.7
µs
Fast mode
1.3
Fast mode+
0.5
High-speed mode, Cb = 100 pF
0.16
High-speed mode, Cb = 400 pF
0.32
tHIGH
SCL high time
Standard mode
4
µs
Fast mode
0.6
Fast mode+
0.26
High-speed mode, Cb = 100 pF
0.06
High-speed mode, Cb = 400 pF
0.12
tSU;DAT
Data setup time
Standard mode
250
ns
Fast mode
100
Fast mode+
50
High-speed mode
10
tHD;DAT
Data hold time
Standard mode
10
3450
ns
Fast mode
10
900
Fast mode+
10
High-speed mode, Cb = 100 pF
10
70
High-speed mode, Cb = 400 pF
10
150
tSU;STA
Setup time for a start or
a repeated start
condition
Standard mode
4.7
µs
Fast mode
0.6
Fast mode+
0.26
High-speed mode
0.16
tHD;STA
Hold time for a start or a
repeated start condition
Standard mode
4
µs
Fast mode
0.6
Fast mode+
0.26
High-speed mode
0.16
tBUF
Bus free time between a
stop and start condition
Standard mode
4.7
µs
Fast mode
1.3
Fast mode +
0.5
tSU;STO
Setup time for a stop
condition
Standard mode
4
µs
Fast mode
0.6
Fast mode+
0.26
High-speed mode
0.16
trDA
Rise time of SDA signal
Standard mode
1000
ns
Fast mode
20
300
Fast mode+
120
High-speed mode, Cb = 100 pF
10
80
High-speed mode, Cb = 400 pF
20
160


Similar Part No. - LP87332D-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87332D-Q1 TI1-LP87332D-Q1 Datasheet
3Mb / 74P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332D-Q1 TI1-LP87332D-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332D-Q1 TI1-LP87332D-Q1_17 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
More results

Similar Description - LP87332D-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8732-Q1 TI-LP8732-Q1_V01 Datasheet
6Mb / 85P
[Old version datasheet]   LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP873220-Q1 TI1-LP873220-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   LP873220-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI-LP8733-Q1_V01 Datasheet
6Mb / 85P
[Old version datasheet]   LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP8732-Q1 TI-LP8732-Q1_V02 Datasheet
2Mb / 86P
[Old version datasheet]   LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8733-Q1 TI-LP8733-Q1_V02 Datasheet
2Mb / 86P
[Old version datasheet]   LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8732-Q1 TI-LP8732-Q1_V03 Datasheet
3Mb / 86P
[Old version datasheet]   LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
LP873220 TI1-LP873220 Datasheet
3Mb / 74P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI1-LP8733-Q1 Datasheet
6Mb / 85P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87322B-Q1 TI1-LP87322B-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP873222-Q1 TI1-LP873222-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com