Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3MVDBABFRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TDA3MVDBABFRQ1
Description  SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
Download  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA3MVDBABFRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TDA3MVDBABFRQ1 Datasheet HTML 2Page - Texas Instruments TDA3MVDBABFRQ1 Datasheet HTML 3Page - Texas Instruments TDA3MVDBABFRQ1 Datasheet HTML 4Page - Texas Instruments TDA3MVDBABFRQ1 Datasheet HTML 5Page - Texas Instruments TDA3MVDBABFRQ1 Datasheet HTML 6Page - Texas Instruments TDA3MVDBABFRQ1 Datasheet HTML 7Page - Texas Instruments TDA3MVDBABFRQ1 Datasheet HTML 8Page - Texas Instruments TDA3MVDBABFRQ1 Datasheet HTML 9Page - Texas Instruments TDA3MVDBABFRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 256 page
background image
6
TDA3MV, TDA3MA
TDA3LX, TDA3LA
SPRS964C – JUNE 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA3MV TDA3MA TDA3LX TDA3LA
Device Comparison
Copyright © 2016–2017, Texas Instruments Incorporated
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison(2)
Features
Device
TDA3MVx
TDA3MAx
TDA3LXx
TDA3LAx
Features
CTRL_WKUP_STD_FUSE_DIE_ID_2 [31:24] Base
PN register bitfield value(4)
TDA3MV: 147 (0x93)
TDA3MA:
149 (0x95)
TDA3LX: 150 (0x96)
TDA3LA:
151 (0x97)
TDA3MV-FD: 148 (0x94)
TDA3LX–FD: TBD
Processors/ Accelerators
Speed Grades
R
D, R
D, R
D, R
B, D, R
B, D, R
C66x VLIW DSP
DSP1
Yes
Yes
Yes
Yes
DSP2
Yes
Yes
No
No
Display Subsystem
VOUT1
Yes
No
Yes
No
SD_DAC
Yes
No
Yes
No
Embedded Vision Engine (EVE)
EVE1
Yes
Yes
Yes
Yes
Dual ARM Cortex-M4 Image
Processing Unit (IPU)
IPU1
Yes
Yes
Yes
Yes
Imaging Subsystem Processor
(ISS) with MIPI CSI-2 and CPI
ports
ISP
Yes
No
Yes
No
WDR & Mesh
LDC(1)
Yes
No
Yes
No
CAL_A
Yes
Yes
Yes
Yes
CAL_B
Yes
Yes
Yes
Yes
LVDS-RX
Yes
Yes
Yes
Yes
CPI
Yes
Yes
Yes
Yes
Video Input
Port (VIP)
VIP1
vin1a
Yes
Yes
Yes
Yes
vin1b
Yes
Yes
Yes
Yes
vin2a
Yes
Yes
Yes
Yes
vin2b
Yes
Yes
Yes
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM1
512kB
512kB
256kB
256kB
General-Purpose Memory
Controller (GPMC)
GPMC
Yes
Yes
Yes
Yes
LPDDR2/DDR2/DDR3/DDR3L
Memory Controller
EMIF1
(optional with
SECDED)
up to 2GB
up to 2GB
up to 2GB
up to 2GB
Peripherals
Controller Area Network Interface
(CAN)
DCAN1
Yes
Yes
Yes
Yes
MCAN
Yes(3)
Yes
Yes
Yes(3)
Yes
Yes
Enhanced DMA (EDMA)
EDMA
Yes
Yes
Yes
Yes
Embedded 8 channel ADC
ADC
Yes
Yes
Yes
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
RGMII Only
RGMII Only
RGMII Only
RGMII Only
GMAC_SW[1]
RGMII Only
RGMII Only
RGMII Only
RGMII Only
General-Purpose IO (GPIO)
GPIO
Up to 126
Up to 126
Up to 126
Up to 126
Inter-Integrated Circuit Interface
(I2C)
I2C
2
2
2
2
System Mailbox Module
MAILBOX
2
2
2
2


Similar Part No. - TDA3MVDBABFRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA3MVDBABFRQ1 TI1-TDA3MVDBABFRQ1 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MVDBABFRQ1 TI1-TDA3MVDBABFRQ1 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MVDBABFRQ1 TI1-TDA3MVDBABFRQ1 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MVDBABFRQ1 TI1-TDA3MVDBABFRQ1 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MVDBABFRQ1 TI-TDA3MVDBABFRQ1 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results

Similar Description - TDA3MVDBABFRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
DM505_017 TI1-DM505_017 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com