Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2181 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA2181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2181 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA2181 Datasheet HTML 6Page - Texas Instruments INA2181 Datasheet HTML 7Page - Texas Instruments INA2181 Datasheet HTML 8Page - Texas Instruments INA2181 Datasheet HTML 9Page - Texas Instruments INA2181 Datasheet HTML 10Page - Texas Instruments INA2181 Datasheet HTML 11Page - Texas Instruments INA2181 Datasheet HTML 12Page - Texas Instruments INA2181 Datasheet HTML 13Page - Texas Instruments INA2181 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
180
185
190
195
200
205
210
D023
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
150
200
250
300
350
400
D031
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
-20
0
20
40
60
80
100
120
D021
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
70
71
72
73
74
75
76
77
78
79
80
D022
Output Current (mA)
0
5
10
15
20
25
30
35
40
45
50
55
60
V
S
V – 1
S
GND
GND + 1
GND + 2
D019
125°C
25 C
°
–40°C
V – 2
S
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
-20
0
20
40
60
80
100
120
D020
10
INA181, INA2181
SBOS793A – APRIL 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: INA181 INA2181
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VREF = VS / 2, and VIN+ = 12 V (unless otherwise noted)
Figure 19. Output Voltage Swing vs Output Current
Supply voltage = 5 V
Figure 20. Input Bias Current vs Common-Mode Voltage
Supply voltage = 0 V
Figure 21. Input Bias Current vs Common-Mode Voltage
(Shutdown)
Figure 22. Input Bias Current vs Temperature
Figure 23. Quiescent Current vs Temperature
Figure 24. IQ vs Common-Mode Voltage


Similar Part No. - INA2181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2181 TI1-INA2181 Datasheet
1Mb / 43P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA2181 TI1-INA2181 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA2181 TI1-INA2181 Datasheet
1Mb / 44P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA2181 TI1-INA2181 Datasheet
1Mb / 47P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA2181 TI1-INA2181 Datasheet
1Mb / 49P
[Old version datasheet]   Automotive, bidirectional, low- and high-side voltage output, current-sense amplifiers
More results

Similar Description - INA2181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA181 TI1-INA181_V01 Datasheet
2Mb / 56P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180 Datasheet
1Mb / 30P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181-Q1 TI1-INA181-Q1_18 Datasheet
1Mb / 44P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1_1904 TI1-INA181-Q1_1904 Datasheet
1Mb / 49P
[Old version datasheet]   Automotive, bidirectional, low- and high-side voltage output, current-sense amplifiers
INA181-Q1 TI1-INA181-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1_19 Datasheet
1Mb / 47P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_17 Datasheet
1Mb / 32P
[Old version datasheet]   INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com