Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT244TSOC Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT244TSOC
Description  8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT244TSOC Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT244TSOC Datasheet HTML 1Page - Texas Instruments CY74FCT244TSOC Datasheet HTML 2Page - Texas Instruments CY74FCT244TSOC Datasheet HTML 3Page - Texas Instruments CY74FCT244TSOC Datasheet HTML 4Page - Texas Instruments CY74FCT244TSOC Datasheet HTML 5Page - Texas Instruments CY74FCT244TSOC Datasheet HTML 6Page - Texas Instruments CY74FCT244TSOC Datasheet HTML 7Page - Texas Instruments CY74FCT244TSOC Datasheet HTML 8Page - Texas Instruments CY74FCT244TSOC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY54FCT240T, CY74FCT240T
8-BIT BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCCS017A – MAY 1994 – REVISED OCTOBER 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 2)
CY54FCT240T
CY74FCT240T
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–12
–32
mA
IOL
Low-level output current
48
64
mA
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 2: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.


Similar Part No. - CY74FCT244TSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT244TSOC TI-CY74FCT244TSOC Datasheet
689Kb / 21P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT244TSOC TI-CY74FCT244TSOC Datasheet
714Kb / 20P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT244TSOCE4 TI-CY74FCT244TSOCE4 Datasheet
689Kb / 21P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT244TSOCE4 TI-CY74FCT244TSOCE4 Datasheet
714Kb / 20P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT244TSOCG4 TI-CY74FCT244TSOCG4 Datasheet
689Kb / 21P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT244TSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT541T TI1-CY54FCT541T Datasheet
465Kb / 13P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT244T TI-CY54FCT244T_08 Datasheet
714Kb / 20P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT540T TI1-CY54FCT540T_15 Datasheet
465Kb / 12P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT240T TI-CY54FCT240T_07 Datasheet
689Kb / 21P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16244A16 HITACHI-HD74LVC16244A16 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16540 HITACHI-HD74LVC16540 Datasheet
51Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LVCZ16240A RENESAS-HD74LVCZ16240A Datasheet
102Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16240A HITACHI-HD74LVC16240A Datasheet
51Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC16240B RENESAS-RD74LVC16240B Datasheet
107Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244_07 Datasheet
335Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com