Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB303S Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # DB303S
Description  3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

DB303S Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  DB303S Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd DB303S Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
301S
Weight: 0.38 grams (approx.)
DB301S – DB307 S
Case: DB-S, Molded Plastic
2.15
3.40
9.30
10.30
6.20
6.50
7.40
7.90
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
Glass Passivated Die Construction
G
Low Forward Voltage Drop
High Current Capability
High Surge Current Capability
-
+
Designed for Surface Mount Application
B
~
~
A
D
E
Plastic Material – UL Recognition Flammability
Classification 94V-O
C
L
H
Mechanical Data
J
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
K
Polarity: As Marked on Case
Mounting Position: Any
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
DB
DB
302S
DB
303S
DB
304S
DB
305S
DB
306S
DB
307 S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 40°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
80
A
Forward Voltage per element
@IF
FM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance per element (Note 1)
Cj
25
pF
Typical Thermal Resistance per leg (Note 2)
RθJA
RθJL
40
15
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Mounted on PC board with 13mm
2 copper pad.
DB-S
Dim
Min
Max
A
B
C
0.25
D
0.08
0.33
E
G
1.02
1.53
H
8.00
8.51
J
K
5.00
5.20
L
0.90
1.20
All Dimensions in mm
1 of 2
DB301S - DB307S
!
Lead Free: For RoHS / Lead Free Version
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
= 3.0A
V
Alldatasheet


Similar Part No. - DB303S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DB303S DYELEC-DB303S Datasheet
1Mb / 2P
   SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
DB303S JUXING-DB303S Datasheet
1Mb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
First Silicon Co., Ltd
DB303S FS-DB303S Datasheet
480Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
DB303S YFWDIODE-DB303S Datasheet
440Kb / 3P
   3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
Guangdong Juxing Electr...
DB303S JUXING-DB303S Datasheet
1Mb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - DB303S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MSB30KH DIODES-MSB30KH Datasheet
506Kb / 5P
   3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MSB30M DIODES-MSB30M Datasheet
607Kb / 5P
   3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDBF31 DIODES-RDBF31 Datasheet
581Kb / 5P
   3.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB302S YFWDIODE-DB302S Datasheet
440Kb / 3P
   3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
UMSB30B YFWDIODE-UMSB30B Datasheet
460Kb / 3P
   3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
Daya Electric Group Co....
S3A DAYA-S3A Datasheet
54Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S3G-13-F DIODES-S3G-13-F Datasheet
133Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3GB-13-F DIODES-S3GB-13-F Datasheet
248Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3JB-13-F DIODES-S3JB-13-F Datasheet
133Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3KB-13 DIODES-S3KB-13 Datasheet
271Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com