Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1782 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1782
Description  Integrated Circuit TV Vertical Deflection Output Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1782 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Transistor Saturation Voltage
V3–2
V3–1 = V7–1 = 24V, Pin2–1 = 33Ω,
V4–1 = 0.3V, V5–1 = 0
3.0
4.0
V
V2–1
V3–1 = V7–1 = 24V, Pin2–3 = 33Ω,
V4–1 = 1.3V, V5–1 = 0
1.3
2.0
V
Q21 Saturation Voltage
V6–1
V7–1 = 24V, Pin7–6 = 1.2kΩ,
V5–1 = 0
0.5
V
VCC
Pin Connection Diagram
(Front View)
Pulse Amp Output
Input
Supply Voltage for Output
GND
Trigger Pulse Input
Output
7
6
5
4
3
2
1
.602 (15.3)
.300 (7.6)
17
.697 (17.2)
.138
(3.5)
.047
(1.2)
.233
(5.9)
.323
(8.2)
.308
(7.8)
.100 (2.54)
.024 (0.6)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn