Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB252 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # DB252
Description  2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

DB252 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  DB252 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd DB252 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
0.01
0.1
1.0
10
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typ Forward Characteristics (per element)
F
T = 25°C
Pulse Width = 300µs
2% duty cycle
j
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typ Junction Capacitance (per element)
R
T = 25°c
f = 1.0 Mhz
V
= 50 mV p-p
j
sig
0.01
0.1
1.0
10
100
20
040
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typ Reverse Characteristics (per element)
T = 125°C
j
T = 25°C
j
DB251 - DB257
DB251 – DB257
1.0
2.0
0
10
20
30
40
50
60
110
100
NUM BER OF CYCLES AT 60 Hz
Fig. 3 M ax Non-Repetitive Peak Forward Surge Current
Single half-sine-Wave
(JEDEC M ethod)
0
40
60
80
100
120
140
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Output Current Derating Curve
A
60 Hz Resistive or
Inductive load
1.5
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
2.5
Alldatasheet


Similar Part No. - DB252

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
DB252S ZSELEC-DB252S Datasheet
73Kb / 2P
   2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DB252

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
DB251S ZSELEC-DB251S Datasheet
73Kb / 2P
   2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DI250 ZSELEC-DI250 Datasheet
118Kb / 2P
   2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DI250S ZSELEC-DI250S Datasheet
117Kb / 2P
   2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DBF2510 DIODES-DBF2510 Datasheet
556Kb / 5P
   2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HDBL251G ZSELEC-HDBL251G Datasheet
152Kb / 2P
   2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
MSB25MH DIODES-MSB25MH Datasheet
606Kb / 5P
   2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDBF251 DIODES-RDBF251 Datasheet
539Kb / 5P
   2.5A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DBF2505 ZSELEC-DBF2505 Datasheet
162Kb / 2P
   2.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
DB101S JINGHENG-DB101S Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS202 JINGHENG-ABS202 Datasheet
46Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com