Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5SB100 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # D5SB100
Description  6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

D5SB100 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  D5SB100 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd D5SB100 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Characteristic
Symbol D5SB
05
10
20
40
60
80
100
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Forward Rectified Output Current @ TC = 110°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms single
half-sine-wave superimposed on rated load
(JEDECmethod)
IFSM
170
A
Forward Voltage per element
@ IF = 3.0A
VFM
1.0
V
Peak Reverse Current
@ TC = 25°C
at Rated DC Blocking Voltage
@ TC= 125°C
IR
5.0
500
µA
I2t Rating for Fusing (t < 8.3ms) (Note 1)
I2t
120
A2s
Typical Junction Capacitance per Element (Note 2)
Cj
55
pF
Typical Thermal Resistance Junction to Case (Note 3)
RqJC
1.8
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
D5SB05 - D5SB100
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
·
Case: Molded Plastic
·
Terminals: Plated Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Molded on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 in-lbs Maximum
·
Weight: 6.6 grams (approx)
·
Marking: Type Number
Mechanical Data
Notes:
1. Non-repetitive, for t > 1ms and < 8.3 ms.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance from junction to case per element. Unit mounted on 75 x 75 x 1.6mm aluminum plate heat sink.
·
Glass Passivated Die Construction
·
High Case Dielectric Strength of 1500VRMS
·
Low Reverse Leakage Current
·
Surge Overload Rating to 170A Peak
·
Ideal for Printed Circuit Board Applications
·
Plastic Material - UL Flammability
Classification 94V-0
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Dim
Min
Max
A
29.70
30.30
B
19.70
20.30
C
17.00
18.00
D
3.80
4.20
E
7.30
7.70
G
9.80
10.20
H
2.00
2.40
I
0.90
1.10
J
2.30
2.70
K
3.0 X 45°
L
4.40
4.80
M
3.40
3.80
N
3.10
3.40
P
2.50
2.90
R
0.60
0.80
S
10.80
11.20
All Dimensions in mm
_
B
C
D
EE
G
H
K
J
I
L
M
N
P
R
S
A
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
D5SB05 - D5SB100
1 of 2
D5SB
D5SB
D5SB D5SB D5SB
D5SB
5S
Alldatasheet


Similar Part No. - D5SB100

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D5SB100 SECOS-D5SB100 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D5SB100 LRC-D5SB100 Datasheet
247Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results

Similar Description - D5SB100

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
GBJ6005 YEASHIN-GBJ6005 Datasheet
371Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBL601 ZSELEC-KBL601 Datasheet
84Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBU610 SHUNYE-GBU610 Datasheet
147Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ6A ZSELEC-GBJ6A Datasheet
72Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS6005M ZSELEC-RS6005M Datasheet
114Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS605 ZSELEC-HBS605 Datasheet
120Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS601M ZSELEC-RS601M Datasheet
111Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ6005G DIODES-KBJ6005G Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. F-2
GBU6005 DIODES-GBU6005_1 Datasheet
67Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. 7 - 2
logo
Zibo Seno Electronic En...
KBL601G ZSELEC-KBL601G Datasheet
84Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com