Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D15XB05 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # D15XB05
Description  15A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

D15XB05 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  D15XB05 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd D15XB05 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
0.1
1.0
10
100
0
0.4
0.8
1.2
1.6
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
Pulse width: 300µs
T = 25°C
j
0
100
200
250
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Surge Current
Single Half-Sine Wave
(JEDEC Method)
T = 25°C
j
1.0
10
100
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
f=1MHz
T = 25°C
j
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
PERCENT OF PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
T = 100°C
j
T = 50°C
j
T = 25°C
j
T = 125°C
j
0
5.0
10
15
0
40
80
120
160
T , CASE TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
C
With heatsink
Without heatsink
Resistive or
inductive load
www.senocn.com
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
D15XB05-D15XB100
D15XB05-D15XB100
Alldatasheet


Similar Part No. - D15XB05

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D15XB100 SHINDENGEN-D15XB100 Datasheet
224Kb / 2P
   Bridge Diode
D15XB20 SHINDENGEN-D15XB20 Datasheet
303Kb / 6P
   General Purpose Rectifiers(200V 15A)
D15XB60 SHINDENGEN-D15XB60 Datasheet
303Kb / 6P
   General Purpose Rectifiers(600V 15A)
logo
EIC discrete Semiconduc...
D15XB60 EIC-D15XB60 Datasheet
137Kb / 2P
   SILICON BRIDGE RECTIFIER
Rev. 00 : August 22, 2007
logo
Shindengen Electric Mfg...
D15XB60H SHINDENGEN-D15XB60H Datasheet
436Kb / 4P
   Bridge Diode
More results

Similar Description - D15XB05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Shenzhen Luguang Electr...
GBJ15005 LUGUANG-GBJ15005 Datasheet
157Kb / 2P
   15A Glass Passivated Bridge Rectifier
logo
Nanjing International G...
GBJ15005 DGNJDZ-GBJ15005 Datasheet
222Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS15005M ZSELEC-RS15005M Datasheet
87Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBJ15005 SY-GBJ15005 Datasheet
599Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005_1 Datasheet
82Kb / 3P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. 7 - 2
logo
TAITRON Components Inco...
GBPC15-005W TAITRON-GBPC15-005W Datasheet
138Kb / 4P
   15A Glass Passivated Bridge Rectifier
logo
Yea Shin Technology Co....
GBJ15005 YEASHIN-GBJ15005 Datasheet
328Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ15005 ZSELEC-GBJ15005 Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15A ZSELEC-GBJ15A Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com