Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY500-1000 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # BY500-1000
Description  5.0A FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

BY500-1000 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  BY500-1000 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd BY500-1000 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.30
V
BY500-50 – BY500-1000
5.0A FAST RECOVERY DIODE
Features
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
5.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
200
A
Forward Voltage
@IF = 5.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
200
µA
Reverse Recovery Time (Note 2)
trr
150
250
500
nS
Typical Junction Capacitance (Note 3)
Cj
28
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-201AD, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
BY500-
50
BY500-
100
BY500-
200
BY500-
400
BY500-
600
BY500-
800
BY500-
1000
Characteristic
Symbol
Unit
BY500-50 – BY500-1000
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-201AD
Dim
Min
Max
A
25.4
B
8.50
9.50
C
1.20
1.30
D
5.0
5.60
All Dimensions in mm
DO-201AD
Dim
Min
Max
A
24.5
B
7.20
9.50
C
1.10
1.30
D
5.00
5.60
All Dimensions in mm
Alldatasheet


Similar Part No. - BY500-1000

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BY500-1000 GOOD-ARK-BY500-1000 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Diotec Semiconductor
BY500-1000 DIOTEC-BY500-1000 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
logo
Semikron International
BY500-1000 SEMIKRON-BY500-1000 Datasheet
143Kb / 2P
   Fast silicon rectifier diodes
logo
Diotec Semiconductor
BY500-1000 DIOTEC-BY500-1000 Datasheet
58Kb / 2P
   Fast Si-Rectifiers -Schnelle Si-Gleichrichter
logo
Galaxy Semi-Conductor H...
BY500-1000 BILIN-BY500-1000 Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - BY500-1000

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
FR501 ZSELEC-FR501 Datasheet
83Kb / 2P
   5.0A FAST RECOVERY DIODE
PR5001 ZSELEC-PR5001 Datasheet
136Kb / 2P
   5.0A FAST RECOVERY DIODE
PG500R ZSELEC-PG500R Datasheet
137Kb / 2P
   5.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR501G ZSELEC-FR501G Datasheet
84Kb / 2P
   5.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR5001G ZSELEC-PR5001G Datasheet
137Kb / 2P
   5.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
TAITRON Components Inco...
TUF501 TAITRON-TUF501 Datasheet
136Kb / 4P
   5.0A Ultra Fast Recovery Rectifier
TSF51 TAITRON-TSF51 Datasheet
138Kb / 4P
   5.0A Super Fast Recovery Rectifier
logo
Diodes Incorporated
S5AC DIODES-S5AC Datasheet
47Kb / 2P
   5.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16007 Rev. 4 - 2
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com