Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0015045404 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0015045404
Description  SL??Modular Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015045404 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0015045404_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/02/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0015045404
Status:
Active
Overview:
SL™ Modular Connectors
Description:
2.54mm SL Interim Clip, 40 Circuits, Polarized
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Accessories
Series
70013
Component Type
Interim Clip
Overview
SL™ Modular Connectors
Product Name
SL
UPC
800753605237
Physical
Circuits (Loaded)
40
Circuits (maximum)
40
Color - Resin
Black
Flammability
94V-0
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
3.813/g
Number of Rows
2
Packaging Type
Bag
Polarized to Mating Part
Yes
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Engineering Number
70013-1040
Reference - Drawing Numbers
Sales Drawing
700130000-SD-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70013 Series
Use With
70066 SL Crimp Housing. 70058 SL
Crimp Terminal. 70400 SL IDT Connector
Assembly. 70430 SL FFC Connector. 70450
SL Crimp Housing
This document was generated on 10/02/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0015045404_17

ManufacturerPart #DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
0015045404 MOLEX1-0015045404_17 Datasheet
48Kb / 1P
   2.54mm SL Interim Clip, 40 Circuits, Polarized
More results

Similar Description - 0015045404_17

ManufacturerPart #DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
0015474080 MOLEX1-0015474080_17 Datasheet
48Kb / 2P
   SL Modular Connectors
0015474107 MOLEX1-0015474107_17 Datasheet
36Kb / 2P
   SL Modular Connectors
0050579402 MOLEX1-0050579402_17 Datasheet
43Kb / 2P
   SL Modular Connectors
0015474052 MOLEX1-0015474052_17 Datasheet
45Kb / 2P
   SL Modular Connectors
0014441218 MOLEX1-0014441218_17 Datasheet
38Kb / 2P
   SL Modular Connectors
0050650008 MOLEX1-0050650008_17 Datasheet
33Kb / 1P
   SL Modular Connectors
0015388147 MOLEX1-0015388147_17 Datasheet
48Kb / 2P
   SL Modular Connectors
0015913123 MOLEX1-0015913123_17 Datasheet
41Kb / 2P
   SL Modular Connectors
0015913244 MOLEX1-0015913244_17 Datasheet
41Kb / 2P
   SL Modular Connectors
0015388079 MOLEX1-0015388079_17 Datasheet
45Kb / 2P
   SL Modular Connectors
0015474081 MOLEX1-0015474081_17 Datasheet
36Kb / 2P
   SL Modular Connectors
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com