Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP060T Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP060T
Description  HIGH EFFICIENCY pHEMT POWER FET CHIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP060T Datasheet(HTML) 3 Page - BeRex Corporation

  BCP060T_15 Datasheet HTML 1Page - BeRex Corporation BCP060T_15 Datasheet HTML 2Page - BeRex Corporation BCP060T_15 Datasheet HTML 3Page - BeRex Corporation BCP060T_15 Datasheet HTML 4Page - BeRex Corporation BCP060T_15 Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCP060T
PIN_POUT/Gain, PAE (18 GHz)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Power)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Gain)
S-PARAMETER (Vds = 8V, Ids = 50% Idss)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1
0.92
-57.91
13.83
142.64
0.017
62.75
0.45
-30.63
2
0.83
-100.13
10.45
117.12
0.032
43.42
0.34
-49.55
3
0.79
-129.58
7.98
99.76
0.047
34.74
0.25
-62.90
4
0.77
-150.61
6.32
86.33
0.061
28.79
0.19
-72.26
5
0.77
-165.65
5.18
75.24
0.073
27.32
0.15
-86.36
6
0.77
-178.11
4.35
65.56
0.084
26.36
0.13
-101.81
7
0.78
172.13
3.69
56.72
0.094
25.99
0.12
-123.94
8
0.79
163.81
3.25
48.59
0.103
25.03
0.12
-137.66
9
0.80
156.81
2.88
41.33
0.108
23.59
0.12
-155.22
10
0.81
150.09
2.58
34.01
0.114
24.54
0.14
-169.25
11
0.82
143.11
2.34
26.33
0.120
23.14
0.16
178.07
12
0.83
136.61
2.12
18.59
0.124
22.92
0.19
168.01
13
0.85
130.15
1.94
11.44
0.130
19.85
0.22
157.74
14
0.86
123.54
1.77
3.60
0.134
16.06
0.25
148.31
15
0.88
117.87
1.60
-4.01
0.139
14.39
0.30
140.13
16
0.89
112.39
1.45
-11.27
0.144
10.53
0.35
132.31
17
0.90
106.79
1.29
-19.37
0.148
7.58
0.41
126.29
18
0.91
103.05
1.13
-26.14
0.153
6.07
0.46
120.85
19
0.92
100.04
1.00
-32.93
0.155
3.45
0.51
115.68
20
0.92
97.13
0.88
-38.54
0.156
0.94
0.57
111.97
21
0.93
96.22
0.76
-43.13
0.150
0.17
0.61
109.56
22
0.93
96.46
0.66
-46.19
0.149
0.71
0.65
107.33
23
0.92
96.55
0.57
-49.34
0.147
-0.34
0.68
106.11
24
0.92
97.66
0.51
-51.56
0.145
-0.02
0.71
106.08
25
0.94
98.95
0.46
-53.03
0.144
2.76
0.74
105.60
26
0.93
99.53
0.41
-54.01
0.145
3.92
0.76
106.41
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7


Similar Part No. - BCP060T_15

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP060T-70 BEREX-BCP060T-70 Datasheet
866Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP060T-70 BEREX-BCP060T-70 Datasheet
715Kb / 8P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP060T-70 BEREX-BCP060T-70_15 Datasheet
715Kb / 8P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP060T2 BEREX-BCP060T2 Datasheet
460Kb / 5P
   HIGH EFFICIENCY pHEMT POWER FET CHIP
More results

Similar Description - BCP060T_15

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP060T2 BEREX-BCP060T2 Datasheet
460Kb / 5P
   HIGH EFFICIENCY pHEMT POWER FET CHIP
BCP060T BEREX-BCP060T Datasheet
629Kb / 5P
   HIGH EFFICIENCY pHEMT POWER FET CHIP
BCP120T BEREX-BCP120T Datasheet
692Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP240T BEREX-BCP240T Datasheet
578Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF020T BEREX-BCF020T_18 Datasheet
401Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP040C BEREX-BCP040C_18 Datasheet
329Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF080T BEREX-BCF080T Datasheet
358Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP080T BEREX-BCP080T_15 Datasheet
432Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP160C BEREX-BCP160C Datasheet
373Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C_18 Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com