Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8342DT37BD-450I Datasheet(PDF) 9 Page - GSI Technology

Part # GS8342DT37BD-450I
Description  36Mb SigmaQuad-IITM 36Mb SigmaQuad-IITM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342DT37BD-450I Datasheet(HTML) 9 Page - GSI Technology

Back Button GS8342DT37BD-450I Datasheet HTML 5Page - GSI Technology GS8342DT37BD-450I Datasheet HTML 6Page - GSI Technology GS8342DT37BD-450I Datasheet HTML 7Page - GSI Technology GS8342DT37BD-450I Datasheet HTML 8Page - GSI Technology GS8342DT37BD-450I Datasheet HTML 9Page - GSI Technology GS8342DT37BD-450I Datasheet HTML 10Page - GSI Technology GS8342DT37BD-450I Datasheet HTML 11Page - GSI Technology GS8342DT37BD-450I Datasheet HTML 12Page - GSI Technology GS8342DT37BD-450I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Separate I/O SigmaQuad II+ B4 SRAM Truth Table
Previous
Operation
A
R
W
Current
Operation
D
D
D
D
Q
Q
Q
Q
K
(tn-1)
K
(tn)
K
(tn)
K
(tn)
K
(tn)
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
K
(tn+2)
K
(tn+2½)
K
(tn+3)
K
(tn+3½)
Deselect
X
1
1
Deselect
X
X
Hi-Z
Hi-Z
Write
X
1
X
Deselect
D2
D3
Hi-Z
Hi-Z
Read
X
X
1
Deselect
X
X
Q2
Q3
Deselect
V
1
0
Write
D0
D1
D2
D3
Hi-Z
Hi-Z
Deselect
V
0
X
Read
X
X
Q0
Q1
Q2
Q3
Read
V
X
0
Write
D0
D1
D2
D3
Q2
Q3
Write
V
0
X
Read
D2
D3
Q0
Q1
Q2
Q3
Notes:
1. “1” = input “high”; “0” = input “low”; “V” = input “valid”; “X” = input “don’t care”
2. “—” indicates that the input requirement or output state is determined by the next operation.
3. Q0, Q1, Q2, and Q3 indicate the first, second, third, and fourth pieces of output data transferred during Read operations.
4. D0, D1, D2, and D3 indicate the first, second, third, and fourth pieces of input data transferred during Write operations.
5. Users should not clock in metastable addresses.
GS8342DT07/10/19/37BD-450/400/350/333/300
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01a 8/2017
9/29
© 2011, GSI Technology


Similar Part No. - GS8342DT37BD-450I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342DT37BD-400I GSI-GS8342DT37BD-400I Datasheet
507Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
More results

Similar Description - GS8342DT37BD-450I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342QT10BD-200I GSI-GS8342QT10BD-200I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM 36Mb SigmaQuad-IITM
GS8342QT19BGD-333I GSI-GS8342QT19BGD-333I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM 36Mb SigmaQuad-IITM
GS8342Q10BGD-200 GSI-GS8342Q10BGD-200 Datasheet
502Kb / 28P
   36Mb SigmaQuad-II 36Mb SigmaQuad-II
GS8342DT07 GSI-GS8342DT07 Datasheet
467Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT19BD-400I GSI-GS8342DT19BD-400I Datasheet
507Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT38BGD-550I GSI-GS8342DT38BGD-550I Datasheet
524Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342Q37BD-250I GSI-GS8342Q37BD-250I Datasheet
502Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342DT38BD-350I GSI-GS8342DT38BD-350I Datasheet
524Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT38BGD-400 GSI-GS8342DT38BGD-400 Datasheet
524Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT07BGD-450 GSI-GS8342DT07BGD-450 Datasheet
507Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com