Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3286NNMHR Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC3286NNMHR
Description  3A 32V Synchronous Rectified Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3286NNMHR Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC3286NNMHR Datasheet HTML 2Page - E-CMOS Corporation EC3286NNMHR Datasheet HTML 3Page - E-CMOS Corporation EC3286NNMHR Datasheet HTML 4Page - E-CMOS Corporation EC3286NNMHR Datasheet HTML 5Page - E-CMOS Corporation EC3286NNMHR Datasheet HTML 6Page - E-CMOS Corporation EC3286NNMHR Datasheet HTML 7Page - E-CMOS Corporation EC3286NNMHR Datasheet HTML 8Page - E-CMOS Corporation EC3286NNMHR Datasheet HTML 9Page - E-CMOS Corporation EC3286NNMHR Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
3A 32V Synchronous Rectified Step-Down
Converter
EC3286
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 14
4J23N-Rev.F001
Electrical Characteristics
VIN = 12V, Ta = 25℃ unless otherwise specified.
Typical Performance Characteristics
Figure 4. Steady State Test
Figure 5. Steady State Test
Parameters
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input Under Voltage Lockout
Threshold
VIN Rising
3.80
4.10
4.40
V
Input Under Voltage Lockout
Threshold Hysteresis
210
mV
Soft-Start Current
VSS = 0V
6
µA
Soft-Start Period
CSS = 0.1µF
15
ms
Thermal Shutdown *
160
°C


Similar Part No. - EC3286NNMHR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3282S E-CMOS-EC3282S Datasheet
997Kb / 9P
   2A, 28V, Buck Converter
EC3282SNM1R E-CMOS-EC3282SNM1R Datasheet
997Kb / 9P
   2A, 28V, Buck Converter
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
   2A, 23V, Synchronous-Rectified Step-Down Converter
EC3283ANMHR E-CMOS-EC3283ANMHR Datasheet
817Kb / 13P
   2A, 23V, Synchronous-Rectified Step-Down Converter
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
   3A, 23V, Synchronous Rectified Step-Down Converter
More results

Similar Description - EC3286NNMHR

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
   2A 32V Synchronous Rectified Step-Down Converter
TD2776 TECHCODE-TD2776 Datasheet
925Kb / 14P
   2.2A 32V Synchronous Rectified Step-Down Converter
TD2778 TECHCODE-TD2778 Datasheet
906Kb / 13P
   2.4A 32V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3278 E-CMOS-EC3278 Datasheet
966Kb / 11P
   2.4A/32V Synchronous Rectified Step-Down Converter
EC3276 E-CMOS-EC3276 Datasheet
959Kb / 12P
   2.2A/32V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
   2A 32V Synchronous Rectified Step-Down Converter
TD2776A TECHCODE-TD2776A Datasheet
939Kb / 14P
   2.2A 32V Synchronous Rectified Step-Down Converter
TD2786 TECHCODE-TD2786 Datasheet
606Kb / 16P
   3A 30V Synchronous Rectified Step-Down Converter
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
   3A 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
   3A, 23V, Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com