Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC24C1024AM1GR Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC24C1024AM1GR
Description  1024K bits Two-wire Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C1024AM1GR Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC24C1024AM1GR Datasheet HTML 1Page - E-CMOS Corporation EC24C1024AM1GR Datasheet HTML 2Page - E-CMOS Corporation EC24C1024AM1GR Datasheet HTML 3Page - E-CMOS Corporation EC24C1024AM1GR Datasheet HTML 4Page - E-CMOS Corporation EC24C1024AM1GR Datasheet HTML 5Page - E-CMOS Corporation EC24C1024AM1GR Datasheet HTML 6Page - E-CMOS Corporation EC24C1024AM1GR Datasheet HTML 7Page - E-CMOS Corporation EC24C1024AM1GR Datasheet HTML 8Page - E-CMOS Corporation EC24C1024AM1GR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EC24C1024A
1024K bits Two-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 14
5B13N-Rev.F001
Pin No.
Pin Name
I/O
Definition
1
N.C
-
Not Connected
2
A1
I
Device Address Input
3
A2
I
Device Address Input
4
GND
-
Ground
5
SDA
I/O
Serial Address and Data input and Data out put
6
SCL
I
Serial Clock Input
7
WP
I
Write Protect Input
8
VCC
-
Power Supply
Pin Configuration
(SOP/TSSOP 8L)
Pin Definition
Pin Descriptions
SCL
This input clock pin is used to synchronize the data transfer to and from the device.
SDA
The SDA is a bi-directional pin used to transfer addresses and data into and out of the device. The SDA pin is
an open drain output and can be wired with other open drain or open collector outputs. However, the SDA pin
requires a pull-up resistor connected to the power supply.
A1, A2
The A1 and A2 are the device address inputs. Typically, the A1, and A2 pins are for hardware addressing and
a total of 4 devices can be connected on a single bus system. When
A1, and A2 are left floating, the inputs
are defaulted to zero.
WP
WP is the Write Protect pin. While the WP pin is connected to the power supply of EC24C1024A, the entire
array becomes Write Protected (i.e. the device becomes Read only). When WP is tied to Ground or left floating,
the normal write operations are allowed.
VCC
Supply voltage
GND
Ground of supply voltage


Similar Part No. - EC24C1024AM1GR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
EC24C128B E-CMOS-EC24C128B Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
EC24C128BE1GR E-CMOS-EC24C128BE1GR Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
EC24C128BE1GT E-CMOS-EC24C128BE1GT Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
EC24C128BF2GR E-CMOS-EC24C128BF2GR Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
More results

Similar Description - EC24C1024AM1GR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C64C E-CMOS-EC24C64C Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
EC24C128B E-CMOS-EC24C128B Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
logo
AiT Semiconductor Inc.
A24C08 AITSEMI-A24C08 Datasheet
714Kb / 19P
   MEMORY EEPROM 8k BITS (1024X8) TWO-WIRE SERIAL
REV3.0
A24C04 AITSEMI-A24C04 Datasheet
875Kb / 18P
   MEMORY EEPROM 4K BITS (512X8) TWO-WIRE SERIAL
REV3.0
A24C02 AITSEMI-A24C02 Datasheet
779Kb / 19P
   MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
A24CM01 AITSEMI-A24CM01 Datasheet
743Kb / 19P
   MEMORY EEPROM 1M BITS (131072X8) TWO-WIRE SERIAL
REV2.2
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com