Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC24C1024A Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC24C1024A
Description  1024K bits Two-wire Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C1024A Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC24C1024A Datasheet HTML 1Page - E-CMOS Corporation EC24C1024A Datasheet HTML 2Page - E-CMOS Corporation EC24C1024A Datasheet HTML 3Page - E-CMOS Corporation EC24C1024A Datasheet HTML 4Page - E-CMOS Corporation EC24C1024A Datasheet HTML 5Page - E-CMOS Corporation EC24C1024A Datasheet HTML 6Page - E-CMOS Corporation EC24C1024A Datasheet HTML 7Page - E-CMOS Corporation EC24C1024A Datasheet HTML 8Page - E-CMOS Corporation EC24C1024A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
EC24C1024A
1024K bits Two-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 14
5B13N-Rev.F001
Write Operation
Access each data in the memory requires a 17-bit
address.(The most significant bit A[16] is in the device
address and the Least significant bits A[15]~A[0] are
defined in two address bytes).The most significant word
address followed by the least significant word address.
Byte Write
In the Byte Write mode, the Master device sends the
Start condition and the Slave address information (with
the R/W set to Zero) to the Slave device. After the Slave
generates an ACK, the Master sends the byte address
that is to be written into the address pointer of the
EC24C1024A. After receiving another ACK from the
Slave, the Master device transmits the data byte to be
written
into
the
address
memory
location.
The
EC24C1024A acknowledges once more and the Master
generates the Stop condition, at which time the device
begins its internal programming cycle. While this internal
cycle is in progress, the device will not respond to any
request from the Master device.
Page Write
The EC24C1024A is capable of 256-byte Page-Write
operation. A Page-Write is initiated in the same manner
as a Byte Write, but instead of terminating the internal
Write cycle after the first data word is transferred, the
Master device can transmit up to 255 more bytes. After
the receipt of each data word, the EEPROM responds
immediately with an ACK on SDA line, and the seven
lower order data word address bits are internally
incremented by one, while the higher order bits of the
data word address remain constant. If a byte address is
incremented from the last byte of a page, it returns to the
first byte of that page. If the Master device should
transmit more than 256 bytes prior to issuing the Stop
condition, the address counter will “roll over,” and the
previously written data will be overwritten. Once all 256
bytes are received and the Stop condition has been sent
by the Master, the internal programming cycle begins. At
this point, all received data is written to the EC24C1024A
in a single Write cycle. All inputs are disabled until
completion of the internal Write cycle.
Acknowledge (ACK) Polling
The disabling of the inputs can be used to take
advantage of the typical Write cycle time. Once the Stop
condition is issued to indicate the end of the host's Write
operation, the EC24C1024A initiates the internal Write
cycle. ACK polling can be initiated immediately. This
involves issuing the Start condition followed by the Slave
address for a Write operation. If the EEPROM is still busy
with the Write operation, no ACK will be returned. If the
EC24C1024A has completed the Write operation, an
ACK will be returned and the host can then proceed with
the next Read or Write operation.
Read Operation
Read operations are initiated in the same manner as
Write operations, except that the (R/W) bit of the Slave
address is
set to “1”. There are three Read operation
options: current address read, random address read and
sequential read.
Current Address Read
The EC24C1024A contains an internal address counter
which maintains the address of the last byte accessed,
incremented by one. For example, if the previous
operation is either a Read or Write operation addressed
to the address location n, the internal address counter
would increment to address location n+1. When the
EEPROM receives the Slave Addressing Byte with a
Read operation
(R/W bit set to “1”), it will respond an
ACK and transmit the 8-bit data byte stored at address
location n+1. The Master should not acknowledge the
transfer but should generate a Stop condition so the
EC24C1024A discontinues transmission. If 'n' is the last
byte of the memory, the data from location '0' will be
transmitted. (Refer to Figure 8. Current Address Read
Diagram.)
Random Address Read
Selective Read operations allow the Master device to
select at random any memory location for a Read
operation. The Master device first performs a 'dummy'
Write operation by sending the Start condition, Slave
address and byte address of the location it wishes to
read. After the EC24C1024A acknowledges the byte
address, the Master device resends the Start condition
and the Slave address, this time with the R/W bit set to
one. The EEPROM then responds with its ACK and
sends the data requested. The Master device does not
send an ACK but will generate a Stop condition. (Refer to
Figure 9. Random Address Read Diagram.)


Similar Part No. - EC24C1024A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
EC24C128B E-CMOS-EC24C128B Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
EC24C128BE1GR E-CMOS-EC24C128BE1GR Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
EC24C128BE1GT E-CMOS-EC24C128BE1GT Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
EC24C128BF2GR E-CMOS-EC24C128BF2GR Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
More results

Similar Description - EC24C1024A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C64C E-CMOS-EC24C64C Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
EC24C128B E-CMOS-EC24C128B Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
logo
AiT Semiconductor Inc.
A24C08 AITSEMI-A24C08 Datasheet
714Kb / 19P
   MEMORY EEPROM 8k BITS (1024X8) TWO-WIRE SERIAL
REV3.0
A24C04 AITSEMI-A24C04 Datasheet
875Kb / 18P
   MEMORY EEPROM 4K BITS (512X8) TWO-WIRE SERIAL
REV3.0
A24C02 AITSEMI-A24C02 Datasheet
779Kb / 19P
   MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
A24CM01 AITSEMI-A24CM01 Datasheet
743Kb / 19P
   MEMORY EEPROM 1M BITS (131072X8) TWO-WIRE SERIAL
REV2.2
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com