Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC24C512BR1GR Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC24C512BR1GR
Description  512K bitsTwo-wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C512BR1GR Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC24C512BR1GR Datasheet HTML 1Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 2Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 3Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 4Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 5Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 6Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 7Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 8Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
EC24C512B
512K bitsTwo-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 13
4I09N-Rev.F001
General Description
The EC24C512B are EEPROM devices that use
the
industrial
standard
2-wire
interface
for
communications. The EC24C512B contains a
memory array of 512K-bits (65,536x8), which is
organized in 128-byte per page. The EEPROM
can operate in a wide voltage range from 1.7V to
5.5V which fits most application. This product can
provide a low-power 2-wire EEPROM solution.
The device is offered in Lead-free, RoHS, halogen
free or Green. The available package types are 8-
pin MSOP . The EC24C512B is compatible with
the industrial standard 2-wire bus protocol. If in
case the bus is not responded, a new sent Op-
code command will reset the bus and the device
will respond correctly. The simple bus consists of
the Serial Clock wire (SCL) and the Serial Data
wire (SDA).
Utilizing such bus protocol, a Master device, such
as a microcontroller, can usually control one or
more Slave devices, alike this EC24C512B. The
bit stream over the SDA line includes a series of
bytes, which identifies a particular Slave device,
an instruction, an address within that Slave
device, and a series of data, if appropriate. The
EC24C512B also has a Write Protect pin (WP) to allow
blocking any write operations over specified memory area.
Under no circumstance, the device will be hung up. In
order to refrain the state machine entering into a wrong
state during power-up sequence or a power toggle off-on
condition, a power on reset circuit is embedded. During
power-up, the device does not respond to any instructions
until the supply voltage (VCC) has reached an acceptable
stable level above the reset threshold voltage. Once VCC
passes the power on reset threshold, the device is reset
and enters into the Standby mode. This would also avoid
any inadvertent Write operations during power-up stage.
During power-down process, the device will enter into
standby mode, once VCC drops below the power on reset
threshold voltage. In addition, the device will be in standby
mode after receiving the Stop command, provided that no
internal write operation is in progress. Nevertheless, it is
illegal to send a command unless the VCC is within its
operating level.
Features
● Two-Wire Serial Interface, I C TM Compatible
– Bi-directional data transfer protocol
● Wide-voltage Operation
– VCC = 1.7V to 5.5V
● Speed: 400 KHz (1.7V) and 1 MHz (2.5V~5.5V)
uA, 1.7V
● Operating current (max.): 2 mA, 1.7V
● Hardware Data Protection
– Write Protect Pin
● Sequential & Random Read Features
● Memory organization: 65,536 x 8 bits
● Page Size: 128 bytes
● Page write mode
– Up to 128 bytes per page write
● Self timed write cycle with auto clear: 5ms (max.)
● Filtered inputs for noise suppression
● High-reliability
– Endurance: 1 million cycles
– Data retention: 100 years
● Industrial temperature grades
● Packages: MSOP 8L
● Lead-free, RoHS, Halogen free, Green


Similar Part No. - EC24C512BR1GR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C512A E-CMOS-EC24C512A Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
EC24C512AE1GX E-CMOS-EC24C512AE1GX Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
EC24C512AM1GX E-CMOS-EC24C512AM1GX Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
EC24C512AP1GX E-CMOS-EC24C512AP1GX Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
More results

Similar Description - EC24C512BR1GR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C512A E-CMOS-EC24C512A Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
logo
Renesas Technology Corp
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM
logo
E-CMOS Corporation
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
logo
Microchip Technology
24FC512-I MICROCHIP-24FC512-I Datasheet
702Kb / 36P
   512K I2C Serial EEPROM
01/05/10
24LC512TISM MICROCHIP-24LC512TISM Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24LC512I-SM MICROCHIP-24LC512I-SM Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24LC512 MICROCHIP-24LC512 Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
logo
ATMEL Corporation
AT24C512B ATMEL-AT24C512B_08 Datasheet
673Kb / 26P
   Two-wire Serial EEPROM 512K (65,536 x 8)
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com