Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC24C512AM1GX Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC24C512AM1GX
Description  512K bitsTwo-wire Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C512AM1GX Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC24C512AM1GX Datasheet HTML 2Page - E-CMOS Corporation EC24C512AM1GX Datasheet HTML 3Page - E-CMOS Corporation EC24C512AM1GX Datasheet HTML 4Page - E-CMOS Corporation EC24C512AM1GX Datasheet HTML 5Page - E-CMOS Corporation EC24C512AM1GX Datasheet HTML 6Page - E-CMOS Corporation EC24C512AM1GX Datasheet HTML 7Page - E-CMOS Corporation EC24C512AM1GX Datasheet HTML 8Page - E-CMOS Corporation EC24C512AM1GX Datasheet HTML 9Page - E-CMOS Corporation EC24C512AM1GX Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EC24C512A
512K bitsTwo-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 14
4B12N-Rev.P001
Device Addressing
The 512K EEPROM devices all require an 8-bit device address word following a start condition to enable the
chip for a read or write operation (see to Figure 4).
The device address word consists of a mandatory "1", "0" sequence for the first four most significant bits as
shown. This is common to all the Serial EEPROM devices.
The 512K EEPROM uses A2, A1 and A0 device address bits to allow as much as eight devices on the same
bus. These 3 bits must be compared to their corresonding hardwired input pins. The A2, A1 and A0 pins use
an internal proprietary circuit that biases them to a logic low condition if the pins are allowed to float.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit
is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a "0". If a compare is not made, the chip will
return to a standby state.
DATA SECURITY: The EC24C512A
has a hardware data protection scheme that allows the user to write
protect the entire memory when the WP pin is at VCC.
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the device address word and
acknowledgment. Upon receipt of this address, the EEPROM will again respond with a "0" and then clock in
the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a "0" and the
addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. At this
time the EEPROM enters an internally timed write cycle, tWR, to the nonvolatile memory. All inputs are
disabled during this write cycle and the EEPROM will not respond until the write is complete (see to Figure 5).
PAGE WRITE: The 512K EEPROM is capable of an 128-byte page write.
A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition after
the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the
microcontroller can transmit up to 127(512K) more data words. The EEPROM will respond with a "0" after each
data word received. The microcontroller must terminate the page write sequence with a stop condition (see to
Figure 6).
The data word address lower seven (512K) bits are internally incremented following the receipt of each data
word. The higher data word address bits are not incremented, retaining the memory page row location. When
the word address, internally generated, reaches the page boundary, the following byte is placed at the
beginning of the same page. If more than 128(512K) data words are transmitted to the EEPROM, the data
word address will "roll over" and previous data will be overwritten.
ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the EEPROM inputs are
disabled, acknowledge polling can be initiated. This involves sending a start condition followed by the device
address word. The read/write bit is representative of the operation desired. Only if the internal write cycle has
completed will the EEPROM respond with a "0", allowing the read or write sequence to continue.


Similar Part No. - EC24C512AM1GX

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C512B E-CMOS-EC24C512B Datasheet
427Kb / 13P
   512K bitsTwo-wire Serial EEPROM
EC24C512BR1GR E-CMOS-EC24C512BR1GR Datasheet
427Kb / 13P
   512K bitsTwo-wire Serial EEPROM
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
EC24C512CE1GR E-CMOS-EC24C512CE1GR Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
EC24C512CE1GT E-CMOS-EC24C512CE1GT Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
More results

Similar Description - EC24C512AM1GX

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C512B E-CMOS-EC24C512B Datasheet
427Kb / 13P
   512K bitsTwo-wire Serial EEPROM
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
logo
Renesas Technology Corp
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM
logo
E-CMOS Corporation
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
logo
Microchip Technology
24FC512-I MICROCHIP-24FC512-I Datasheet
702Kb / 36P
   512K I2C Serial EEPROM
01/05/10
24LC512TISM MICROCHIP-24LC512TISM Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24LC512I-SM MICROCHIP-24LC512I-SM Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24LC512 MICROCHIP-24LC512 Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
logo
ATMEL Corporation
AT24C512B ATMEL-AT24C512B_08 Datasheet
673Kb / 26P
   Two-wire Serial EEPROM 512K (65,536 x 8)
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com