Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC24C256A Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC24C256A
Description  128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C256A Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC24C256A Datasheet HTML 2Page - E-CMOS Corporation EC24C256A Datasheet HTML 3Page - E-CMOS Corporation EC24C256A Datasheet HTML 4Page - E-CMOS Corporation EC24C256A Datasheet HTML 5Page - E-CMOS Corporation EC24C256A Datasheet HTML 6Page - E-CMOS Corporation EC24C256A Datasheet HTML 7Page - E-CMOS Corporation EC24C256A Datasheet HTML 8Page - E-CMOS Corporation EC24C256A Datasheet HTML 9Page - E-CMOS Corporation EC24C256A Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EC24C128A/256A
128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 16
3I23N-Rev.F002
Device Addressing
The 128K/256K EEPROM devices all require an 8-bit device address word following a start condition to enable
the chip for a read or write operation (see to Figure 4).
The device address word consists of a mandatory "1", "0" sequence for the first four most significant bits as
shown. This is common to all the Serial EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 128K/256K EEPROM. These 3 bits must
compare to their corresponding hard-wired input pins.
The A2, A1 and A0 pins use an internal proprietary circuit that biases them to a logic low condition if the pins
are allowed to float.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit
is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a "0". If a compare is not made, the chip will
return to a standby state.
DATA SECURITY: The EC24C128A /EC24C256A has a hardware data protection scheme that allows the
user to write protect the entire memory when the WP pin is at VCC.
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the device address word and
acknowledgment. Upon receipt of this address, the EEPROM will again respond with a "0" and then clock in
the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a "0" and the
addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. At this
time the EEPROM enters an internally timed write cycle, tWR, to the nonvolatile memory. All inputs are disabled
during this write cycle and the EEPROM will not respond until the write is complete (see to Figure 5).
PAGE WRITE: The 128K/256K EEPROM is capable of an 64-byte page write.
A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition after
the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the
microcontroller can transmit up to 63 (128K/256K) more data words. The EEPROM will respond with a "0" after
each data word received. The microcontroller must terminate the page write sequence with a stop condition
(see to Figure 6).
The data word address lower six (128K/256K) bits are internally incremented following the receipt of each data
word. The higher data word address bits are not incremented, retaining the memory page row location. When
the word address, internally generated, reaches the page boundary, the following byte is placed at the
beginning of the same page. If more than 64 data words are transmitted to the EEPROM, the data word
address will "roll over" and previous data will be overwritten.
ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the EEPROM inputs are
disabled, acknowledge polling can be initiated. This involves sending a start condition followed by the device
address word. The read/write bit is representative of the operation desired. Only if the internal write cycle has
completed will the EEPROM respond with a "0", allowing the read or write sequence to continue.


Similar Part No. - EC24C256A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
EC24C02B E-CMOS-EC24C02B Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
EC24C02BNB2CR E-CMOS-EC24C02BNB2CR Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
EC24C02BNE1CR E-CMOS-EC24C02BNE1CR Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
EC24C02BNF6CR E-CMOS-EC24C02BNF6CR Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
More results

Similar Description - EC24C256A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256_15 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com