Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC24C64CF2GR Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC24C64CF2GR
Description  64K bits Two-wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C64CF2GR Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC24C64CF2GR Datasheet HTML 7Page - E-CMOS Corporation EC24C64CF2GR Datasheet HTML 8Page - E-CMOS Corporation EC24C64CF2GR Datasheet HTML 9Page - E-CMOS Corporation EC24C64CF2GR Datasheet HTML 10Page - E-CMOS Corporation EC24C64CF2GR Datasheet HTML 11Page - E-CMOS Corporation EC24C64CF2GR Datasheet HTML 12Page - E-CMOS Corporation EC24C64CF2GR Datasheet HTML 13Page - E-CMOS Corporation EC24C64CF2GR Datasheet HTML 14Page - E-CMOS Corporation EC24C64CF2GR Datasheet HTML 15Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
EC24C64C
64K bits Two-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 11 of 17
5C26N-Rev.F001
Symbol
Parameter
Value
Unit
VS
Supply Voltage
-0.5 to + 6.5
V
VP
Voltage on Any Pin
–0.5 to VCC + 0.5
V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Output Current
5
mA
Range
Ambient Temperature (TA)
VCC
Industrial
–40°C to +85°C
1.7V to 5.5V
Symbol
Parameter
[1,2]
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
CI/O
Input / Output
Capacitance
VI/O = 0V
8
pF
Electrical Characteristics
Absolute Maximum Ratings
Note: Stress greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other condition outside those indicated in
the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Operating Range
Capacitance
Note: (1) Tested initially and after any design or process changes that may affect these parameters and not 100% tested.
(2) Test conditions: TA = 25°C, f = 1 MHz, VCC = 5.0V.


Similar Part No. - EC24C64CF2GR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C64A E-CMOS-EC24C64A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
EC24C64B E-CMOS-EC24C64B Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
EC24C64BN E-CMOS-EC24C64BN Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
EC24C64BNF2GR E-CMOS-EC24C64BNF2GR Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
EC24C64BNF2GT E-CMOS-EC24C64BNF2GT Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
More results

Similar Description - EC24C64CF2GR

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
Sanyo Semicon Device
LE24CB642MC SANYO-LE24CB642MC Datasheet
989Kb / 14P
   Two Wire Serial Interface EEPROM(64k EEPROM)
LE24LB642M SANYO-LE24LB642M_10 Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642_10 Datasheet
134Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24LB642CS SANYO-LE24LB642CS_12 Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM (64k EEPROM)
logo
Renesas Technology Corp
R1EX24064ASAS0G RENESAS-R1EX24064ASAS0G Datasheet
400Kb / 18P
   Two-wire serial interface 64k EEPROM
logo
E-CMOS Corporation
EC24C128B E-CMOS-EC24C128B Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
EC24C1024A E-CMOS-EC24C1024A Datasheet
664Kb / 14P
   1024K bits Two-wire Serial EEPROM
logo
Sanyo Semicon Device
LE24LB642M SANYO-LE24LB642M Datasheet
106Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (64k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com