Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC24C64CE1GR Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC24C64CE1GR
Description  64K bits Two-wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C64CE1GR Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC24C64CE1GR Datasheet HTML 1Page - E-CMOS Corporation EC24C64CE1GR Datasheet HTML 2Page - E-CMOS Corporation EC24C64CE1GR Datasheet HTML 3Page - E-CMOS Corporation EC24C64CE1GR Datasheet HTML 4Page - E-CMOS Corporation EC24C64CE1GR Datasheet HTML 5Page - E-CMOS Corporation EC24C64CE1GR Datasheet HTML 6Page - E-CMOS Corporation EC24C64CE1GR Datasheet HTML 7Page - E-CMOS Corporation EC24C64CE1GR Datasheet HTML 8Page - E-CMOS Corporation EC24C64CE1GR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
EC24C64C
64K bits Two-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 17
5C26N-Rev.F001
Ordering Information & Marking Information
EC24C
64C XX X X
Functional Block Diagram
Device Function
64=64Kbit
(8,192×8)
R:Tape & Reel
T:Tube
G:Green
M1:SOP 8L
E1:TSSOP 8L
R1:MSOP 8L
F2:DFN 8L


Similar Part No. - EC24C64CE1GR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C64A E-CMOS-EC24C64A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
EC24C64B E-CMOS-EC24C64B Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
EC24C64BN E-CMOS-EC24C64BN Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
EC24C64BNF2GR E-CMOS-EC24C64BNF2GR Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
EC24C64BNF2GT E-CMOS-EC24C64BNF2GT Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
More results

Similar Description - EC24C64CE1GR

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
Sanyo Semicon Device
LE24CB642MC SANYO-LE24CB642MC Datasheet
989Kb / 14P
   Two Wire Serial Interface EEPROM(64k EEPROM)
LE24LB642M SANYO-LE24LB642M_10 Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642_10 Datasheet
134Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24LB642CS SANYO-LE24LB642CS_12 Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM (64k EEPROM)
logo
Renesas Technology Corp
R1EX24064ASAS0G RENESAS-R1EX24064ASAS0G Datasheet
400Kb / 18P
   Two-wire serial interface 64k EEPROM
logo
E-CMOS Corporation
EC24C128B E-CMOS-EC24C128B Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
EC24C1024A E-CMOS-EC24C1024A Datasheet
664Kb / 14P
   1024K bits Two-wire Serial EEPROM
logo
Sanyo Semicon Device
LE24LB642M SANYO-LE24LB642M Datasheet
106Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (64k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com