Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC24C64BNF2GR Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC24C64BNF2GR
Description  64K-bit 2-WIRE SERIAL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C64BNF2GR Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC24C64BNF2GR Datasheet HTML 1Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 2Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 3Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 4Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 5Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 6Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 7Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 8Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EC24C64B
64K-bit 2-WIRE SERIAL EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 12
3H29N-Rev.F001
Bus Timing
Figure 2.SCL: Serial Clock, SDA: Serial Data I/O
Write Cycle Timing
Figure 3.SCL: Serial Clock, SDA: Serial Data I/O
Note: 1. The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the
internal clear/write cycle.


Similar Part No. - EC24C64BNF2GR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C64A E-CMOS-EC24C64A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
EC24C64C E-CMOS-EC24C64C Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
EC24C64CE1GR E-CMOS-EC24C64CE1GR Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
EC24C64CE1GT E-CMOS-EC24C64CE1GT Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
EC24C64CF2GR E-CMOS-EC24C64CF2GR Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
More results

Similar Description - EC24C64BNF2GR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
   CMOS 64K 2-WIRE SERIAL EEPROM
logo
Fairchild Semiconductor
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
ATMEL Corporation
AT24C64B ATMEL-AT24C64B_07 Datasheet
352Kb / 16P
   2-Wire Serial EEPROM 64K (8192 x 8)
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
Fairchild Semiconductor
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
logo
Sanyo Semicon Device
LE24CB642MC SANYO-LE24CB642MC Datasheet
989Kb / 14P
   Two Wire Serial Interface EEPROM(64k EEPROM)
LE24LB642M SANYO-LE24LB642M_10 Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642_10 Datasheet
134Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com