Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRX3960 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DRX3960
Description  Digital Receiver Front-end
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRX3960 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DRX3960 Datasheet HTML 5Page - List of Unclassifed Manufacturers DRX3960 Datasheet HTML 6Page - List of Unclassifed Manufacturers DRX3960 Datasheet HTML 7Page - List of Unclassifed Manufacturers DRX3960 Datasheet HTML 8Page - List of Unclassifed Manufacturers DRX3960 Datasheet HTML 9Page - List of Unclassifed Manufacturers DRX3960 Datasheet HTML 10Page - List of Unclassifed Manufacturers DRX3960 Datasheet HTML 11Page - List of Unclassifed Manufacturers DRX3960 Datasheet HTML 12Page - List of Unclassifed Manufacturers DRX3960 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
ADVANCE INFORMATION
DRX 3960A
Micronas
9
3. Standard Specific Filter Curves
The external SAW only performes a coarse attenua-
tion of major parts of adjacent channels. The main fil-
tering is done by means of the DSP. The following fig-
ures indicate the overall filter curves of the DRX 3960A
including the SAW.
3.1. Standard B
Video Response [dB]
Frequency [MHz]
SIF Response [dB]
Frequency [MHz]
3.2. Standard G
Video Response [dB]
Frequency [MHz]
SIF Response [dB]
Frequency [MHz]
2
4
6
8
10
-60
-50
-40
-30
-20
-10
0
10
2
4
6
8
10
-60
-50
-40
-30
-20
-10
0
10
2
4
6
8
10
-60
-50
-40
-30
-20
-10
0
10
2
4
6
8
10
-60
-50
-40
-30
-20
-10
0
10


Similar Part No. - DRX3960

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DRX-MJS0 DOMINANT-DRX-MJS0 Datasheet
1Mb / 14P
   High brightness surface mount LED using thin film technology
DRX-NJB DOMINANT-DRX-NJB Datasheet
816Kb / 13P
   High brightness surface mount LED using thin film technology
DRX-NJE DOMINANT-DRX-NJE Datasheet
953Kb / 12P
   High brightness surface mount LED using thin film technology
DRX-NJS5 DOMINANT-DRX-NJS5 Datasheet
1Mb / 14P
   High brightness surface mount LED using thin film technology
DRX-NRS DOMINANT-DRX-NRS Datasheet
949Kb / 13P
   High brightness surface mount LED using thin film technology
More results

Similar Description - DRX3960

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13062 MOTOROLA-MC13062 Datasheet
189Kb / 2P
   FM RECEIVER FRONT END
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
   GPS Receiver RF Front End
logo
NXP Semiconductors
AFRX5G272 NXP-AFRX5G272 Datasheet
383Kb / 14P
   RF Front--End Receiver Module
Rev. 0, 07/2020
logo
Mitel Networks Corporat...
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
   GPS Receiver RF Front End
logo
NXP Semiconductors
AFRX5G372 NXP-AFRX5G372 Datasheet
387Kb / 15P
   RF Front--End Receiver Module
Rev. 0, 05/2020
logo
Linear Technology
LT5500 LINER-LT5500 Datasheet
300Kb / 12P
   1.8GHz to 2.7GHz Receiver Front End
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
   GPS Receiver RF Front End IC
logo
Filtronic Compound Semi...
RR009 FILTRONIC-RR009 Datasheet
4Mb / 6P
   Miniature Front End Radar Warning Receiver
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
logo
Linear Technology
LT5500 LINER-LT5500_15 Datasheet
306Kb / 12P
   1.8GHz to 2.7GHz Receiver Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com