Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128DV30LL-70SI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62128DV30LL-70SI
Description  1 Mb (128K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128DV30LL-70SI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62128DV30LL-70SI Datasheet HTML 1Page - Cypress Semiconductor CY62128DV30LL-70SI Datasheet HTML 2Page - Cypress Semiconductor CY62128DV30LL-70SI Datasheet HTML 3Page - Cypress Semiconductor CY62128DV30LL-70SI Datasheet HTML 4Page - Cypress Semiconductor CY62128DV30LL-70SI Datasheet HTML 5Page - Cypress Semiconductor CY62128DV30LL-70SI Datasheet HTML 6Page - Cypress Semiconductor CY62128DV30LL-70SI Datasheet HTML 7Page - Cypress Semiconductor CY62128DV30LL-70SI Datasheet HTML 8Page - Cypress Semiconductor CY62128DV30LL-70SI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY62128DV30
MoBL
Document #: 38-05231 Rev. *C
Page 5 of 11
Switching Characteristics (Over the Operating Range)[8]
Parameter
Description
CY62128DV30-55
CY62128DV30-70
Unit
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
55
70
ns
tAA
Address to Data Valid
55
70
ns
tOHA
Data Hold from Address Change
10
10
ns
tACE
CE1 LOW or CE2 HIGH to Data Valid
55
70
ns
tDOE
OE LOW to Data Valid
25
35
ns
tLZOE
OE LOW to Low Z[9]
55
ns
tHZOE
OE HIGH to High Z[9,10]
20
25
ns
tLZCE
CE1 LOW or CE2 HIGH to Low Z
[9]
10
10
ns
tHZCE
CE1 HIGH or CE2 LOW to High Z
[9,10]
20
25
ns
tPU
CE1 LOW or CE2 HIGH to Power-up
0
0
ns
tPD
CE1 HIGH or CE2 LOW to Power-down
55
70
ns
Write Cycle[11]
tWC
Write Cycle Time
55
70
ns
tSCE
CE1 LOW or CE2 HIGH to Write End
40
60
ns
tAW
Address Set-up to Write End
40
60
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-up to Write Start
0
0
ns
tPWE
WE Pulse Width
40
50
ns
tSD
Data Set-up to Write End
25
30
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE
WE LOW to High Z[9,10]
20
25
ns
tLZWE
WE HIGH to Low Z[9]
10
10
ns
Switching Waveforms
Read Cycle No. 1 (Address Transition Controlled)[12, 13]
Notes:
8.
Test conditions assume signal transition time of 1V/ns or less, timing reference levels of VCC(typ.)/2, input pulse levels of 0 to VCC(typ.), and output loading of
the specified IOL.
9.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than t.
10. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high-impedance state.
11. The internal write time of the memory is defined by the overlap of WE, CE1 = VIL, and CE2 = VIH. All signals.
12. Device is continuously selected. OE, CE1 = VIL, CE2 = VIH.
13. WE is HIGH for Read cycle.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA


Similar Part No. - CY62128DV30LL-70SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128DV30LL-70SI CYPRESS-CY62128DV30LL-70SI Datasheet
574Kb / 11P
   1-Mb (128K x 8) Static RAM
More results

Similar Description - CY62128DV30LL-70SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128DV30 CYPRESS-CY62128DV30_06 Datasheet
574Kb / 11P
   1-Mb (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com