Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28411ZXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28411ZXC
Description  Clock Generator for Intel Alviso Chipset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28411ZXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28411ZXC Datasheet HTML 3Page - Cypress Semiconductor CY28411ZXC Datasheet HTML 4Page - Cypress Semiconductor CY28411ZXC Datasheet HTML 5Page - Cypress Semiconductor CY28411ZXC Datasheet HTML 6Page - Cypress Semiconductor CY28411ZXC Datasheet HTML 7Page - Cypress Semiconductor CY28411ZXC Datasheet HTML 8Page - Cypress Semiconductor CY28411ZXC Datasheet HTML 9Page - Cypress Semiconductor CY28411ZXC Datasheet HTML 10Page - Cypress Semiconductor CY28411ZXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CY28411
Document #: 38-07594 Rev. *B
Page 7 of 19
Crystal Recommendations
The CY28411 requires a Parallel Resonance Crystal. Substi-
tuting a series resonance crystal will cause the CY28411 to
operate at the wrong frequency and violate the ppm specifi-
cation. For most applications there is a 300-ppm frequency
shift between series and parallel crystals due to incorrect
loading.
Crystal Loading
Crystal loading plays a critical role in achieving low ppm perfor-
mance. To realize low ppm performance, the total capacitance
the crystal will see must be considered to calculate the appro-
priate capacitive loading (CL).
The following diagram shows a typical crystal configuration
using the two trim capacitors. An important clarification for the
following discussion is that the trim capacitors are in series
with the crystal not parallel. It’s a common misconception that
load capacitors are in parallel with the crystal and should be
approximately equal to the load capacitance of the crystal.
This is not true.
Byte 6: Control Register 6
Bit
@Pup
Name
Description
7
0
REF/N or Hi-Z Select
0 = Hi-Z, 1 = REF/N Clock
6
0
Test Clock Mode Entry Control
0 = Normal operation, 1 = REF/N or Hi-Z mode,
5
0
Reserved
Reserved, Set = 0
4
1
REF
REF Output Drive Strength
0 = Low, 1 = High
3
1
PCIF, SRC, PCI
SW PCI_STP Function
0=SW PCI_STP assert, 1= SW PCI_STP deassert
When this bit is set to 0, all STOPPABLE PCI, PCIF and SRC outputs will
be stopped in a synchronous manner with no short pulses.
When this bit is set to 1, all STOPPED PCI, PCIF and SRC outputs will
resume in a synchronous manner with no short pulses.
2
Externally
selected
CPUT/C
FS_C Reflects the value of the FS_C pin sampled on power up
0 = FS_C was low during VTT_PWRGD# assertion
1
Externally
selected
CPUT/C
FS_B Reflects the value of the FS_B pin sampled on power up
0 = FS_B was low during VTT_PWRGD# assertion
0
Externally
selected
CPUT/C
FS_A Reflects the value of the FS_A pin sampled on power up
0 = FS_A was low during VTT_PWRGD# assertion
Byte 7: Vendor ID
Bit
@Pup
Name
Description
7
0
Revision Code Bit 3
Revision Code Bit 3
6
0
Revision Code Bit 2
Revision Code Bit 2
5
0
Revision Code Bit 1
Revision Code Bit 1
4
1
Revision Code Bit 0
Revision Code Bit 0
3
1
Vendor ID Bit 3
Vendor ID Bit 3
2
0
Vendor ID Bit 2
Vendor ID Bit 2
1
0
Vendor ID Bit 1
Vendor ID Bit 1
0
0
Vendor ID Bit 0
Vendor ID Bit 0
Table 5. Crystal Recommendations
Frequency
(Fund)
Cut
Loading Load Cap
Drive
(max.)
Shunt Cap
(max.)
Motional
(max.)
Tolerance
(max.)
Stability
(max.)
Aging
(max.)
14.31818 MHz
AT
Parallel
20 pF
0.1 mW
5 pF
0.016 pF
35 ppm
30 ppm
5 ppm


Similar Part No. - CY28411ZXC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28411ZXC SPECTRALINEAR-CY28411ZXC Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Silicon Laboratories
CY28411ZXC SILABS-CY28411ZXC Datasheet
165Kb / 18P
   Clock Generator for Intel짰Alviso Chipset
logo
SpectraLinear Inc
CY28411ZXC-1 SPECTRALINEAR-CY28411ZXC-1 Datasheet
177Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28411ZXC-1 CYPRESS-CY28411ZXC-1 Datasheet
245Kb / 19P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411ZXC-1T SPECTRALINEAR-CY28411ZXC-1T Datasheet
177Kb / 18P
   Clock Generator for Intel Alviso Chipset
More results

Similar Description - CY28411ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442-2 CYPRESS-CY28442-2 Datasheet
300Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28441 SPECTRALINEAR-CY28441 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28442-2 SPECTRALINEAR-CY28442-2 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28411-1 SPECTRALINEAR-CY28411-1 Datasheet
177Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28411-1 CYPRESS-CY28411-1 Datasheet
245Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28442-2 CYPRESS-CY28442-2_05 Datasheet
290Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com