Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5N65 Datasheet(PDF) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 5N65
Description  N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

5N65 Datasheet(HTML) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

  5N65 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 5N65 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 5N65 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 5N65 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 5N65 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd 5N65 Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Power MOSFET
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
-
+
VGS=
P.W.
Period
Fig. 1A Peak Diode Recovery dv/dt Test Circuit
Fig. 1B Peak Diode Recovery dv/dt Waveforms
5N60 5N65
4 of 6
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
5N60 5N65
Alldatasheet


Similar Part No. - 5N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N65 UTC-5N65 Datasheet
253Kb / 6P
   5A, 650V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
5N65 NELLSEMI-5N65 Datasheet
400Kb / 8P
   N-Channel Power MOSFET
logo
Inchange Semiconductor ...
5N65 ISC-5N65 Datasheet
53Kb / 2P
   Fast Switching Speed
logo
DIYI Electronic Technol...
5N65 DYELEC-5N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
logo
SUNMATE electronic Co.,...
5N65 SUNMATE-5N65 Datasheet
2Mb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 5N65

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com