Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N65 Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 3N65
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

3N65 Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  3N65 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Power MOSFET
3N60 3N65
3 of 7
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
3N60 3N65
ELECTRICAL CHARACTERISTICS (T
J =25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
600
V
Drain-Source Breakdown Voltage
3N65
BVDSS
VGS = 0V, ID = 250μA
650
V
Drain-Source Leakage Current
IDSS
VDS = 600V, VGS = 0V
10
μA
Forward
VGS = 30V, VDS = 0V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature Coefficient
△BVDSS/T
J
ID = 250 μA, Referenced to
25°C
0.6
V/°
С
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID =1.5A
2.8
3.6
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
350
450
pF
Output Capacitance
COSS
50
65
pF
Reverse Transfer Capacitance
CRSS
VDS =25V, VGS =0V,f =1MHz
5.5
7.5
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD (ON)
35
50
ns
Turn-On Rise Time
tR
60
70
ns
Turn-Off Delay Time
tD(OFF)
100
150
ns
Turn-Off Fall Time
tF
VDD =30V, I D =3.0A,
RG=25Ω
(Note 1, 2)
65
75
ns
Total Gate Charge
QG
18.5
23
nC
Gate-Source Charge
QGS
5.2
nC
Gate-Drain Charge
QGD
VDS=50V, VGS=10V,
ID=3.0A
(Note 1, 2)
4.9
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, ISD = 3.0 A
1.4
V
Continuous Drain-Source Current
ISD
3.0
A
Pulsed Drain-Source Current
ISM
12
A
Reverse Recovery Time
tRR
210
ns
Reverse Recovery Charge
QRR
VGS = 0 V, ISD = 3.0A,
di/dt = 100 A/
μs (Note1)
1.2
μC
Notes: 1. Pulse Test: Pulse width
≤ 300μs, Duty cycle≤2%
2. Essentially independent of operating temperature
3N60
Alldatasheet


Similar Part No. - 3N65

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
3N65 NJSEMI-3N65 Datasheet
148Kb / 1P
   NPN/PNP DUAL EMITTER CHOPPER BI-POLAR TRANSISTORS
logo
Unisonic Technologies
3N65 UTC-3N65 Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65A UTC-3N65A Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
3N65A-TN3-T VBSEMI-3N65A-TN3-T Datasheet
1Mb / 9P
   Power MOSFET
logo
Unisonic Technologies
3N65G-K08-5060-R UTC-3N65G-K08-5060-R Datasheet
382Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 3N65

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com