Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N65 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 3N65
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

3N65 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  3N65 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Power MOSFET
3N60 3N65
2 of 7
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
3N60 3N65
50
W
34
W
ABSOLUTE MAXIMUM RATINGS (T
C = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
3.0
A
Continuous
ID
3.0
A
Drain Current
Pulsed (Note 2)
IDM
12
A
Single Pulsed (Note 3)
EAS
200
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
7.5
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220
75
W
Power Dissipation
PD
(TC = 25°С)
Junction Temperature
TJ
+150
°
С
Ambient Operating Temperature
TOPR
-55 ~ +150
°
С
Storage Temperature
TSTG
-55 ~ +150
°
С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L=64mH, IAS=3.0A, VDD=50V, RG=25 Ω, Starting TJ = 25°C
4. ISD≤3.0A, di/dt≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
3N60
3N65
600
V
TO-220F
TO-251/IPAK
TO-252/DPAK
2.50
110
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
62.5
TO-220F
62.5
Junction-to-Ambient
θJA
℃/W
TO-220
1.67
TO-220F
3.68
Junction-to-Case
θJc
℃/W
110
TO-251/IPAK
TO-252/DPAK
TO-251/IPAK
TO-252/DPAK
2.50
50
W
Alldatasheet


Similar Part No. - 3N65

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
3N65 NJSEMI-3N65 Datasheet
148Kb / 1P
   NPN/PNP DUAL EMITTER CHOPPER BI-POLAR TRANSISTORS
logo
Unisonic Technologies
3N65 UTC-3N65 Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65A UTC-3N65A Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
3N65A-TN3-T VBSEMI-3N65A-TN3-T Datasheet
1Mb / 9P
   Power MOSFET
logo
Unisonic Technologies
3N65G-K08-5060-R UTC-3N65G-K08-5060-R Datasheet
382Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 3N65

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com