Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N65 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 3N65
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

3N65 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  3N65 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3N60
Pin Assignment
Ordering Number
Power MOSFET
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Package
1
2
3
TO-220
G
D
S
ITO-220/TO-220F
G
D
S
G
D
S
G
D
S
Note:
Pin Assignment: G: Gate
D: Drain
S: Source
3N65
3N60 3N65
Z ibo Seno Electronic Engineering Co., Ltd.
3N60 3N65
1
TO-220
1
1
1
TO-251/IPAK
TO-252/DPAK
TO-251/IPAK
TO-252/DPAK
DESCRIPTION
3N60 3N65 is a high voltage and high current power
MOSFET , designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and have
a high rugged avalanche characteristics. This power MOSFET is
usually used at high speed switching applications in power
supplies, PWM motor controls, high efficient DC to DC converters
and bridge circuits.
FEATURES
* RDS(ON) = 3.6Ω @VGS = 10 V
* Ultra low gate charge ( typical 10 nC )
* Low reverse transfer capacitance ( CRSS = typical 5.5 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ITO-220/TO-220F
1 of 6
www.senocn.com
Part No.
Package
Packing
3N60-TU
TO-251
75pcs / Tube
3N60-TR
TO-252
2.5Kpcs / 13” Reel
3N60-TU
TO-220
50pcs / Tube
3N60-TU
ITO-220/TO-220F
50pcs / Tube
3N60-TU
TO-252
75pcs / Tube
3N60-TU
TO-262
50pcs / Tube
3N60-TU
TO-263
3N60-TR
TO-263
800pcs / 13" Reel
50pcs / Tube
3
600/650 Volts
N-CHANNEL POWER MOSFET
Amps,
Alldatasheet


Similar Part No. - 3N65

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
3N65 NJSEMI-3N65 Datasheet
148Kb / 1P
   NPN/PNP DUAL EMITTER CHOPPER BI-POLAR TRANSISTORS
logo
Unisonic Technologies
3N65 UTC-3N65 Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65A UTC-3N65A Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
3N65A-TN3-T VBSEMI-3N65A-TN3-T Datasheet
1Mb / 9P
   Power MOSFET
logo
Unisonic Technologies
3N65G-K08-5060-R UTC-3N65G-K08-5060-R Datasheet
382Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 3N65

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com