Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ210A Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SMBJ210A
Description  5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SMBJ210A Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SMBJ210A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ210A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ210A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ210A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ210A Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Weight: 0.1 grams (approx.)
Case: SMB/DO-214AA, Transfer Molded Plastic
5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Terminals:Solderable per
40
A
600
W
F
A
D
B
SMBJ SERIES
Features
                             E
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
SMB/DO-214AA
Dim
Min
Max
A
3.30
3.94
B
4.06
4.70
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
F
2.00
2.62
G
0.051
0.203
H
0.76
1.52
All Dimensions in mm
1 of 5
C
G
H
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3
PPPM
Peak Forward Surge Current (Note 3)
IFSM
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1
IPPM
See Table 1
A
Steady State Power Dissipation (Note 2, 4)
PM(AV)
5.0
W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25°C per Figure 4.
2. Mounted on 40mm2 copper pad.
3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4. Lead temperature at 75°C = TL .
5. Peak pulse power waveform is 10/1000µS.
SMBJ SERIES
!
Glass Passivated Die Construction
!
600W Peak Pulse Power Dissipation
!
!
Uni- and Bi-Directional Versions Available
!
Excellent Clamping Capability
!
Fast Response Time
!
Plastic Case Material has UL Flammability
Mechanical Data
!
!
MIL-STD-202, Method 208
!
Polarity: Cathode Band or Cathode Notch
!
Marking:
Unidirectional – Device Code and Cathode Band
Bidirectional – Device Code Only
!
!
Lead Free: For RoHS / Lead Free Version
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
5.0V-440V Standoff Voltage
Alldatasheet


Similar Part No. - SMBJ210A

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SMBJ210A MERITEK-SMBJ210A Datasheet
241Kb / 4P
   Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
SMBJ210A HUAXINAN-SMBJ210A Datasheet
442Kb / 6P
   600W Transient Voltage Suppressors
logo
Formosa MS
SMBJ210A FORMOSA-SMBJ210A Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
AiT Semiconductor Inc.
SMBJ210A AITSEMI-SMBJ210A Datasheet
542Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER
REV2.1
logo
Shanghai Semitech Semic...
SMBJ210A SEMITECH-SMBJ210A Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMBJ210A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL20A ZSELEC-P4FL20A Datasheet
193Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMDJ ZSELEC-SMDJ Datasheet
81Kb / 5P
   5.0 to 170Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL5.0A ZSELEC-P4FL5.0A Datasheet
218Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
MMF5.0A ZSELEC-MMF5.0A Datasheet
244Kb / 4P
   5.0 to 19 0Volts 200Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com