Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DE275-501N16 Datasheet(PDF) 1 Page - IXYS Corporation

Part No. DE275-501N16
Description  RF Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IXYS [IXYS Corporation]
Homepage  http://www.ixys.com
Logo 

   
 1 page
background image
DE275-501N16A
RF Power MOSFET
Directed Energy, Inc.
An
IXYS Company
Preliminary Data Sheet
VDSS
=
500 V
ID25
=
16 A
RDS(on)
=
.5
PDHS
=
375 W
Symbol
Test Conditions
Maximum Ratings
VDSS
TJ = 25°C to 150°C
500
V
VDGR
TJ = 25°C to 150°C; RGS = 1 M
500
V
VGS
Continuous
±20
V
VGSM
Transient
±30
V
ID25
Tc = 25°C
16
A
IDM
Tc = 25°C, pulse width limited by TJM
98
A
IAR
Tc = 25°C
16
A
EAR
Tc = 25°C
20
mJ
IS
≤ IDM, di/dt ≤ 100A/µs, VDD ≤ VDSS,
Tj
≤ 150°C, RG = 0.2Ω
5
V/ns
IS = 0
>200
V/ns
PDHS
Tc = 25°C
Derate 3.0W/°C above 25°C
375
W
PDAMB
Tc = 25°C
3.0
W
TJ
-55…+150
°C
TJM
150
°C
Tstg
-55…+150
°C
TL
1.6mm (0.063 in) from case for 10 s
300
°C
Weight
2
g
dv/dt
RthJHS
0.33
K/W
Symbol
Test Conditions
Characteristic Values
TJ = 25°C unless otherwise specified
min.
typ.
max.
VDSS
VGS = 0 V, ID = 3 ma
500
V
VGS(th)
VDS = VGS, ID = 4 ma
2.5
5.5
V
IGSS
VGS = ±20 VDC, VDS = 0
±100 nA
IDSS
VDS = 0.8 VDSS TJ = 25°C
VGS = 0
TJ = 125°C
50
1
µA
mA
RDS(on)
.5
gfs
VDS = 15 V, ID = 0.5ID25, pulse test
2
6
S
VGS = 15 V, ID = 0.5ID25
Pulse test, t
≤ 300µS, duty cycle d ≤ 2%
Features
Isolated Substrate
high isolation voltage (>2500V)
excellent thermal transfer
Increased temperature and power
cycling capability
IXYS advanced low Qg process
Low gate charge and capacitances
easier to drive
faster switching
Low RDS(on)
Very low insertion inductance (<2nH)
No beryllium oxide (BeO) or other
hazardous materials
Advantages
Optimized for RF and high speed
switching at frequencies to 100MHz
Easy to mount—no insulators needed
High power density
N-Channel Enhancement Mode
Avalanche Rated
Low Qg and Rg
High dv/dt
Nanosecond Switching
DRAIN
SG1
SG2
GATE
SD1
SD2




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STRM6511OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT 1 2 3 4 5 MoreAllegro MicroSystems
MMDF3207DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS 1 2 3 4 Motorola, Inc
MMSF3205SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS 1 2 3 4 5 MoreMotorola, Inc
MRF154N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
IRFC450HIGH VOLTAGE POWER MOSFET DIE 1 IXYS Corporation
FK20KM-5Nch POWER MOSFET HIGH-SPEED SWITCHING USE 1 2 3 4 5 Powerex Power Semiconductors
FK7VS-12Nch POWER MOSFET HIGH-SPEED SWITCHING USE 1 2 3 4 5 Powerex Power Semiconductors
IPS032GSINGLE/DUAL FULLY PROTECTED POWER MOSFET SWITCH 1 2 3 4 5 MoreInternational Rectifier
FS10ASJ-2Nch POWER MOSFET HIGH-SPEED SWITCHING USE 1 2 3 4 Powerex Power Semiconductors
FS10SM-12Nch POWER MOSFET HIGH-SPEED SWITCHING USE 1 2 3 4 Powerex Power Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl