Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT373ATSOC Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT373ATSOC
Description  8-BIT LATCHES WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT373ATSOC Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT373ATSOC Datasheet HTML 1Page - Texas Instruments CY74FCT373ATSOC Datasheet HTML 2Page - Texas Instruments CY74FCT373ATSOC Datasheet HTML 3Page - Texas Instruments CY74FCT373ATSOC Datasheet HTML 4Page - Texas Instruments CY74FCT373ATSOC Datasheet HTML 5Page - Texas Instruments CY74FCT373ATSOC Datasheet HTML 6Page - Texas Instruments CY74FCT373ATSOC Datasheet HTML 7Page - Texas Instruments CY74FCT373ATSOC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY54FCT373T, CY74FCT373T
8-BIT LATCHES
WITH 3-STATE OUTPUTS
SCCS021B – MAY 1994 – REVISED OCTOBER 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
CY54FCT373T
CY74FCT373T
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
IIN = –18 mA
–0.7
–1.2
V
VIK
VCC = 4.75 V,
IIN = –18 mA
–0.7
–1.2
V
VCC = 4.5 V,
IOH = –12 mA
2.4
3.3
VOH
VCC 475 V
IOH = –32 mA
2
V
VCC = 4.75 V
IOH = –15 mA
2.4
3.3
VOL
VCC = 4.5 V,
IOL = 32 mA
0.3
0.55
V
VOL
VCC = 4.75 V,
IOL = 64 mA
0.3
0.55
V
Vhys
All inputs
0.2
0.2
V
II
VCC = 5.5 V,
VIN = VCC
5
µA
II
VCC = 5.25 V,
VIN = VCC
5
µA
IIH
VCC = 5.5 V,
VIN = 2.7 V
±1
µA
IIH
VCC = 5.25 V,
VIN = 2.7 V
±1
µA
IIL
VCC = 5.5 V,
VIN = 0.5 V
±1
µA
IIL
VCC = 5.25 V,
VIN = 0.5 V
±1
µA
IOZH
VCC = 5.5 V,
VOUT = 2.7 V
10
µA
IOZH
VCC = 5.25 V,
VOUT = 2.7 V
10
µA
IOZL
VCC = 5.5 V,
VOUT = 0.5 V
–10
µA
IOZL
VCC = 5.25 V,
VOUT = 0.5 V
–10
µA
IOS‡
VCC = 5.5 V,
VOUT = 0 V
–60
–120
–225
mA
IOS‡
VCC = 5.25 V,
VOUT = 0 V
–60
–120
–225
mA
Ioff
VCC = 0 V,
VOUT = 4.5 V
±1
±1
µA
ICC
VCC = 5.5 V,
VIN ≤ 0.2 V,
VIN ≥ VCC – 0.2 V
0.1
0.2
mA
ICC
VCC = 5.25 V,
VIN ≤ 0.2 V,
VIN ≥ VCC – 0.2 V
0.1
0.2
mA
∆ICC
VCC = 5.5 V, VIN = 3.4 V§, f1 = 0, Outputs open
0.5
2
mA
∆ICC
VCC = 5.25 V, VIN = 3.4 V§, f1 = 0, Outputs open
0.5
2
mA
† Typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or
sample-and-hold techniques are preferable to minimize internal chip heating and more accurately reflect operational values. Otherwise, prolonged
shorting of a high output can raise the chip temperature well above normal and cause invalid readings in other parametric tests. In any sequence
of parameter tests, IOS tests should be performed last.
§ Per TTL-driven input (VIN = 3.4 V); all other inputs at VCC or GND


Similar Part No. - CY74FCT373ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT373ATSOC TI-CY74FCT373ATSOC Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY74FCT373ATSOC TI1-CY74FCT373ATSOC Datasheet
686Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373ATSOCG4 TI1-CY74FCT373ATSOCG4 Datasheet
686Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373ATSOCT TI-CY74FCT373ATSOCT Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
More results

Similar Description - CY74FCT373ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT373T TI1-CY54FCT373T_14 Datasheet
686Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT573T TI1-CY54FCT573T_14 Datasheet
687Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT573T TI-CY54FCT573T_08 Datasheet
311Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT841T TI1-CY54FCT841T_09 Datasheet
316Kb / 12P
[Old version datasheet]   10-BIT LATCHES WITH 3-STATE OUTPUTS
SN74ALS29845 TI1-SN74ALS29845 Datasheet
75Kb / 7P
[Old version datasheet]   8-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com