Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62136CV Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62136CV
Description  2-Mbit (128K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136CV Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62136CV Datasheet HTML 1Page - Cypress Semiconductor CY62136CV Datasheet HTML 2Page - Cypress Semiconductor CY62136CV Datasheet HTML 3Page - Cypress Semiconductor CY62136CV Datasheet HTML 4Page - Cypress Semiconductor CY62136CV Datasheet HTML 5Page - Cypress Semiconductor CY62136CV Datasheet HTML 6Page - Cypress Semiconductor CY62136CV Datasheet HTML 7Page - Cypress Semiconductor CY62136CV Datasheet HTML 8Page - Cypress Semiconductor CY62136CV Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY62136V MoBL®
Document #: 38-05087 Rev. *B
Page 2 of 11
Product Portfolio
Product
VCC Range (V)
Speed
Grades
Power Dissipation (Industrial)
Operating, ICC (mA)
Standby, ISB2 (µA)
Min
Typ.[2]
Max
Typ.[2]
Maximum
Typ.[2]
Maximum
CY62136VLL
2.7
3.0
3.6
55
Industrial
7
20
1
15
70
Industrial
7
15
1
15
Automotive
7
20
1
20
CY62136VSL
55
Industrial
7
20
1
5
70
Industrial
7
15
1
5
Pin Configurations[3]
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
Top View
TSOP II (Forward)
12
13
41
44
43
42
16
15
29
30
VCC
A16
A15
A14
A13
A12
A4
A3
OE
VSS
A5
I/O15
A2
CE
I/O2
I/O0
I/O1
BHE
NC
A1
A0
18
17
20
19
I/O3
27
28
25
26
22
21
23
24
NC
VSS
I/O6
I/O4
I/O5
I/O7
A6
A7
BLE
VCC
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
I/O8
A8
A9
A10
A11
Notes:
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC Typ, TA = 25°C.
3. NC pins are not connected on the die


Similar Part No. - CY62136CV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136CV CYPRESS-CY62136CV Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
CY62136CV18LL-55BAI CYPRESS-CY62136CV18LL-55BAI Datasheet
204Kb / 12P
   128K x 16 Static RAM
CY62136CV18LL-55BVI CYPRESS-CY62136CV18LL-55BVI Datasheet
204Kb / 12P
   128K x 16 Static RAM
CY62136CV18LL-70BAI CYPRESS-CY62136CV18LL-70BAI Datasheet
204Kb / 12P
   128K x 16 Static RAM
More results

Similar Description - CY62136CV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com