Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1030L Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SR1030L
Description  10.0A LOW VF SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SR1030L Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SR1030L Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SR1030L Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1020L
SR
oltage
@I
10.0
A
150
A
0.2
Unit
Characteristic
Symbol
V
250
pF
2.5
°C/W
-65 to +150
°C
SR1020L – SR10200L
Features
!
Schottky Barrier Chip
!
Guard Ring Die Construction for
Transient Protection
!
High Current Capability
A
B
A
!
Low Power Loss, High Efficiency
!
High Surge Current Capability
!
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
C
                            D
Mechanical Data
!
Case: DO-201AD, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 95°C
(Note 1)
IO
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
Forward V
F = 10.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.2
20
mA
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 1)
RJA
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
SR1020L – SR10200L
V
10
0.45
0.55
0.80
0.90
V
20
14
30
21
40
28
50
35
60
42
80
56
100
70
150
105
200
140
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-201AD
Dim
Min
Max
A
25.4
B
8.50
9.50
C
1.20
1.30
D
5.0
5.60
All Dimensions in mm
DO-201AD
Dim
Min
Max
A
24.5
B
7.20
9.50
C
1.10
1.30
D
5.00
5.60
All Dimensions in mm
1030L
SR
1040L
SR
1050L
SR
1060L
SR
1080L
SR
10100L
SR
10150L
SR
10200L
SR
0.85
10.0A LOW VF SCHOTTKY BARRIER DIODE
Alldatasheet


Similar Part No. - SR1030L

ManufacturerPart #DatasheetDescription
logo
Bytes
SR1030 BYTES-SR1030 Datasheet
161Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
SR1030 SAMYANG-SR1030 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SR1030 MIC-SR1030 Datasheet
46Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR1030 CHENDA-SR1030 Datasheet
334Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
Shanghai Lunsure Electr...
SR1030 CHENYI-SR1030 Datasheet
179Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1030L

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MBR1040CP ZSELEC-MBR1040CP Datasheet
289Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
BD1040CT ZSELEC-BD1040CT Datasheet
147Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
SB1040DC ZSELEC-SB1040DC Datasheet
147Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
MBR1040G ZSELEC-MBR1040G Datasheet
299Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
MBR1040CG ZSELEC-MBR1040CG Datasheet
283Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
MBR1040CT ZSELEC-MBR1040CT Datasheet
320Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
BD1040YS ZSELEC-BD1040YS Datasheet
149Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
SK1040P ZSELEC-SK1040P Datasheet
137Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
SR1020 ZSELEC-SR1020 Datasheet
69Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
MBR1040CK ZSELEC-MBR1040CK Datasheet
278Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com