Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR380 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SR380
Description  3.0A SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SR380 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SR380 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SR380 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

0
16
32
48
64
80
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100 C
j
°
10
100
1000
0.1
110
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
f=1.0MHz
T = 25 C
j
°
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100 C
j
°
T = 75 C
j
°
T = 25 C
j
°
100
10
1.0
0.1
0.01
1k
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
100
0
0.5
1.0
25
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
1.5
2.0
2.5
3.0
2 of 2
SR320 – SR3200
SR320 – SR3200
SR320 – SR340
SR350 – SR360
SR380 – SR3200
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Similar Part No. - SR380

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR380 DGNJDZ-SR380 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
SR380 BYTES-SR380 Datasheet
153Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SR380 PACELEADER-SR380 Datasheet
566Kb / 2P
   3.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR380 SECOS-SR380 Datasheet
84Kb / 2P
   3.0 AMP Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
SR380 CHONGQING-SR380 Datasheet
179Kb / 1P
   3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR380

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N5820 WTE-1N5820_06 Datasheet
45Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SB320 ZSELEC-SB320 Datasheet
114Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SR320 WTE-SR320_06 Datasheet
60Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
MS302 ZSELEC-MS302 Datasheet
136Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB320 WTE-SB320_06 Datasheet
59Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
MBR320 ZSELEC-MBR320 Datasheet
135Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
SR330L ZSELEC-SR330L Datasheet
125Kb / 2P
   3.0A LOW VF SCHOTTKY BARRIER DIODE
BX32 ZSELEC-BX32 Datasheet
100Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SX32 WTE-SX32 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
   3.0A Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com