Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8TAC9HLQ8 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8TAC9HLQ8
Description  8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAC9HLQ8 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP8TAC9HLQ8 Datasheet HTML 7Page - National Semiconductor (TI) COP8TAC9HLQ8 Datasheet HTML 8Page - National Semiconductor (TI) COP8TAC9HLQ8 Datasheet HTML 9Page - National Semiconductor (TI) COP8TAC9HLQ8 Datasheet HTML 10Page - National Semiconductor (TI) COP8TAC9HLQ8 Datasheet HTML 11Page - National Semiconductor (TI) COP8TAC9HLQ8 Datasheet HTML 12Page - National Semiconductor (TI) COP8TAC9HLQ8 Datasheet HTML 13Page - National Semiconductor (TI) COP8TAC9HLQ8 Datasheet HTML 14Page - National Semiconductor (TI) COP8TAC9HLQ8 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
8.0 Electrical Characteristics (Continued)
AC Electrical Characteristics −40˚C
≤ T
A
≤ +85˚C unless otherwise specified.
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Oscillator Frequency
Crystal/Resonator, External
2.25V
≤ V
CC
≤ 2.75V
15
MHz
Internal R/C Oscillator
2.25V
≤ V
CC
≤ 2.75V
9.0
MHz
R/C Oscillator Frequency Variation
2.25V
≤ V
CC
≤ 2.75V
±30
%
Instruction Cycle Time (t
C)
Crystal/Resonator, External
2.25V
≤ V
CC
≤ 2.75V
0.65
DC
µs
Internal R/C Oscillator
2.25V
≤ V
CC
≤ 2.75V
1.1
µs
External CKI Clock Duty Cycle
fr = Max
45
55
%
Rise Time
fr = 10 MHz Ext Clock
12
ns
Fall Time
fr = 10 MHz Ext Clock
8
ns
MICROWIRE Setup Time (t
UWS) Figure 1
20
ns
MICROWIRE Hold Time (t
UWH) Figure 1
20
ns
MICROWIRE Output Propagation Delay (t
UPD) Figure
1
150
ns
MICROWIRE Maximum Shift Clock
Master Mode
750
kHz
Slave Mode
1.5
MHz
Input Pulse Width
Interrupt Input High Time (Note 2)
1
t
C
Interrupt Input Low Time
1
t
C
Timer Input High Time
1
t
C
Timer Input Low Time
1
t
C
Reset Pulse Width
0.5
µs
Mass Erase Time
200
ms
Page Erase Time
20
ms
ACCESS.Bus Input signals (Note 6)
Bus Free Time Between Stop and Start Condition
(t
BUFi) Figure 2
t
SCLhigho
SCL Setup Time (t
CSTOsi) Figure 2
Before Stop Condition
8
mclk
SCL Hold Time (t
CSTRhi) Figure 2
After Start Condition
8
mclk
SCL Setup Time (t
CSTRsi) Figure 3
Before Start Condition
8
mclk
Data High Setup Time (t
DHCsi) Figure 3
Before SCL Rising Edge (RE)
2
mclk
Data Low Setup Time (t
DLCsi) Figure 2
Before SCL RE
2
mclk
SCL Low Time (t
SCLlowi) Figure 4
After SCL Falling Edge (FE)
12
mclk
SCL High Time (t
SCLhighi) Figure 4
After SCL RE
12
mclk
SDA Hold Time (t
SDAhi) Figure 4
After SCL FE
0
ns
SDA Setup Time (t
SDAsi) Figure 4
Before SCL RE
2
mclk
ACCESS.Bus Output Signals (Note 6)
Bus Free Time Between Stop and Start Condition
(t
BUFo) Figure 2
t
SCLhigho
SCL Setup Time (t
CSTOso) Figure 2
Before Stop Condition
t
SCLhigho
SCL Hold Time (t
CSTRho) Figure 3
After Start Condition
t
SCLhigho
SCL Setup Time (t
CSTRso) Figure 3
Before Start Condition
t
SCLhigho
Data High Setup Time (t
DHCso) Figure 3
Before SCL RE
t
SCLhigho
Data Low Setup Time (t
DLCso) Figure 2
Before SCL RE
t
SCLhigho
SCL Low Time (t
SCLlowo) Figure 4
After SCL FE
16
mclk
SCL High Time (t
SCLhigho) Figure 4
After SCL RE
16
mclk
www.national.com
11


Similar Part No. - COP8TAC9HLQ8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8TAC9HLQ8 NSC-COP8TAC9HLQ8 Datasheet
706Kb / 54P
   8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
More results

Similar Description - COP8TAC9HLQ8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8TAB9_0504 NSC-COP8TAB9_0504 Datasheet
1Mb / 59P
   8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
COP8TAB5 NSC-COP8TAB5 Datasheet
706Kb / 54P
   8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
logo
OKI electronic componet...
MSM65X227 OKI-MSM65X227 Datasheet
142Kb / 18P
   8-Bit Microcontroller (with 4K-Byte EEPROM)
logo
ATMEL Corporation
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
   8-Bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com