Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ7.0 Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SMDJ7.0
Description  5.0 to 170Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SMDJ7.0 Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SMDJ7.0 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SMDJ7.0 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SMDJ7.0 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd SMDJ7.0 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd SMDJ7.0 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UNI/BI-DIRECTIONAL 5.0
to 170Volts 3000W SMD TRANSIENT VOLTAGE SUPPRESSORS
3 of 5
Notes:
1. Suffix C denotes Bi-directional device.
2.
VBR measured with IT current pulse = 300
ms.
3.
For Bi-Directional devices having VRWM of 10V and under, the IR is doubled.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
SMDJ SERIES
SMDJ SERIES
SMDJ5.0
SMDJ5.0C
HDD
IDD
5.0
6.40
7.55
10
9.6
312.5
800.0
SMDJ5.0A
SMDJ5.0CA
HDE
IDE
5.0
6.40
7.25
10
9.2
326.1
800.0
SMDJ6.0
SMDJ6.0C
HDF
IDF
6.0
6.67
8.45
10
11.4
263.2
800.0
SMDJ6.0A
SMDJ6.0CA
HDG
IDG
6.0
6.67
7.67
10
10.3
291.3
800.0
SMDJ6.5
SMDJ6.5C
HDH
IDH
6.5
7.22
9.14
10
12.3
243.9
500.0
SMDJ6.5A
SMDJ6.5CA
HDK
IDK
6.5
7.22
8.30
10
11.2
267.9
500.0
SMDJ7.0
SMDJ7.0C
HDL
IDL
7.0
7.78
9.86
10
13.3
225.6
200.0
SMDJ7.0A
SMDJ7.0CA
HDM
IDM
7.0
7.78
8.95
10
12.0
250.0
200.0
SMDJ7.5
SMDJ7.5C
HDN
IDN
7.5
8.33
10.67
1.0
14.3
209.8
100.0
SMDJ7.5A
SMDJ7.5CA
HDP
IDP
7.5
8.33
9.58
1.0
12.9
232.6
100.0
SMDJ8.0
SMDJ8.0C
HDQ
IDQ
8.0
8.89
11.3
1.0
15.0
200.0
50.0
SMDJ8.0A
SMDJ8.0CA
HDR
IDR
8.0
8.89
10.23
1.0
13.6
220.6
50.0
SMDJ8.5
SMDJ8.5C
HDS
IDS
8.5
9.44
11.92
1.0
15.9
188.7
20.0
SMDJ8.5A
SMDJ8.5CA
HDT
IDT
8.5
9.44
10.82
1.0
14.4
208.3
20.0
SMDJ9.0
SMDJ9.0C
HDU
IDU
9.0
10.0
12.6
1.0
16.9
177.5
10.0
SMDJ9.0A
SMDJ9.0CA
HDV
IDV
9.0
10.0
11.5
1.0
15.4
194.8
10.0
SMDJ10
SMDJ10C
HDW
IDW
10
11.1
14.1
1.0
18.8
159.6
5.0
SMDJ10A
SMDJ10CA
HDX
IDX
10
11.1
12.8
1.0
17.0
176.5
5.0
SMDJ11
SMDJ11C
HDY
IDY
11
12.2
15.4
1.0
20.1
149.3
5.0
SMDJ11A
SMDJ11CA
HDZ
IDZ
11
12.2
14.0
1.0
18.2
164.8
5.0
SMDJ12
SMDJ12C
HED
IED
12
13.3
16.9
1.0
22.0
136.4
5.0
SMDJ12A
SMDJ12CA
HEE
IEE
12
13.3
15.3
1.0
19.9
150.8
5.0
SMDJ13
SMDJ13C
HEF
IEF
13
14.4
18.2
1.0
23.8
126.1
5.0
SMDJ13A
SMDJ13CA
HEG
IEG
13
14.4
16.5
1.0
21.5
139.5
5.0
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
Alldatasheet


Similar Part No. - SMDJ7.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ7.0 ETC1-SMDJ7.0 Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
First Silicon Co., Ltd
SMDJ7.0 FS-SMDJ7.0 Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
Socay Electornics Co., ...
SMDJ7.0 SOCAY-SMDJ7.0 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
UN Semiconducctor INC
SMDJ7.0 UNSEMI-SMDJ7.0 Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
SMDJ7.0 SOCAY-SMDJ7.0 Datasheet
624Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMDJ7.0

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
3KP5.0A MCC-3KP5.0A Datasheet
206Kb / 4P
   3000Watts Transient Voltage Suppressor 5.0 to 220 Volts
logo
Zibo Seno Electronic En...
P4FL20A ZSELEC-P4FL20A Datasheet
193Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
P4SMAJ SURGE-P4SMAJ Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Zibo Seno Electronic En...
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL5.0A ZSELEC-P4FL5.0A Datasheet
218Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
P6SMBJ SURGE-P6SMBJ Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Zibo Seno Electronic En...
MMF5.0A ZSELEC-MMF5.0A Datasheet
244Kb / 4P
   5.0 to 19 0Volts 200Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com