Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3217ADJT2R Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC3217ADJT2R
Description  1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3217ADJT2R Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC3217ADJT2R Datasheet HTML 1Page - E-CMOS Corporation EC3217ADJT2R Datasheet HTML 2Page - E-CMOS Corporation EC3217ADJT2R Datasheet HTML 3Page - E-CMOS Corporation EC3217ADJT2R Datasheet HTML 4Page - E-CMOS Corporation EC3217ADJT2R Datasheet HTML 5Page - E-CMOS Corporation EC3217ADJT2R Datasheet HTML 6Page - E-CMOS Corporation EC3217ADJT2R Datasheet HTML 7Page - E-CMOS Corporation EC3217ADJT2R Datasheet HTML 8Page - E-CMOS Corporation EC3217ADJT2R Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EC3217
1.5MHz, 2A, Synchronous
Step-Down Regulator Dropout
Page 3 of 16
5F05N-Rev.F005
E-CMOS Corp. (www.ecmos.com.tw)
Ordering Information
Part Number
Package
Marking
Marking Information
EC3217ADJT2R
TSOT23-5
17AJf
1.
Starting with underlined 7, a bar is for
production year 2012. The next bar is mark
on top of A is for year 2013. The next bar
is mark on bottom of A is for year 2014.
The next bar is mark on top of J is year for
2015. The naming pattern continues with
consecutive characters for later years.
2.
AJ:
Adjustable Voltage
3.
f is the week of production. The big
character of A~Z is for the week of 1~26,
and small a~z is for the week of 27~52.
Functional Block Diagram
Figure2:Functional Block Diagram of EC3217


Similar Part No. - EC3217ADJT2R

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC321-CR4866 DFI-EC321-CR4866 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC321-CR4G65 DFI-EC321-CR4G65 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC321-CR6881 DFI-EC321-CR6881 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC321-CR6G60 DFI-EC321-CR6G60 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC321-CRA060 DFI-EC321-CRA060 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
More results

Similar Description - EC3217ADJT2R

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD6817 TECHCODE-TD6817 Datasheet
1Mb / 17P
   1.5MHz 2A Synchronous Step-Down Regulator Dropout
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
   1.5MHz, 2A Synchronous Step-Down Regulator
FP6169 FEELING-FP6169 Datasheet
446Kb / 13P
   1.5MHz, 2A Synchronous Step-Down Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
   1.5MHz 800mA Synchronous Step-Down Regulator Dropout
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
   1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
E-CMOS Corporation
EC3210 E-CMOS-EC3210 Datasheet
1Mb / 16P
   1.5MHz, 800mA, Synchronous Step-Down Regulator Dropout
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
   1.5MHz, 2A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com