Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8TAB5CLQ8 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8TAB5CLQ8
Description  8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAB5CLQ8 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP8TAB5CLQ8 Datasheet HTML 6Page - National Semiconductor (TI) COP8TAB5CLQ8 Datasheet HTML 7Page - National Semiconductor (TI) COP8TAB5CLQ8 Datasheet HTML 8Page - National Semiconductor (TI) COP8TAB5CLQ8 Datasheet HTML 9Page - National Semiconductor (TI) COP8TAB5CLQ8 Datasheet HTML 10Page - National Semiconductor (TI) COP8TAB5CLQ8 Datasheet HTML 11Page - National Semiconductor (TI) COP8TAB5CLQ8 Datasheet HTML 12Page - National Semiconductor (TI) COP8TAB5CLQ8 Datasheet HTML 13Page - National Semiconductor (TI) COP8TAB5CLQ8 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
7.0 Absolute Maximum Ratings (Note
1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
3.5V
Voltage at Any Pin
−0.3V to V
CC +0.3V
ESD Protection Level
(Human Body Model)
(Machine Model)
2kV
200V
Total Current into V
CC Pin (Source)
80 mA
Total Current out of GND Pin
(Sink)
60 mA
Storage Temperature Range
−65˚C to +140˚C
Note 1: Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
8.0 Electrical Characteristics
DC Electrical Characteristics −40˚C
≤ T
A
≤ +85˚C unless otherwise specified.
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
2.25
2.75
V
Power Supply Rise Time from 0.0V
(On-Chip Power-On Reset Selected)
20 µs
10 ms
Power Supply Ripple (Note 3)
Peak-to-Peak
0.1 V
CC
V
Supply Current (Note 4)
CKI = 15 MHz
V
CC = 2.75V, tC = 0.65µs
6
mA
CKI = 5MHz
V
CC = 2.75V, tC = 2.0 µs
3
mA
HALT Current (Note 5) — WATCHDOG Disabled
V
CC = 2.75V, CKI = 0
MHz
T
A=25˚C
2
15
µA
T
A=85˚C
100
µA
IDLE Current (Note 4)
CKI = 15 MHz
V
CC = 2.75V, tC = 0.65µs
1
mA
CKI = 5MHz
V
CC = 2.75V, tC = 2.0 µs
0.8
mA
Input Levels (V
IH,VIL)
Logic High
L0 (SDA), L1 (SCL) and L2
1.8V compatibility option
selected and
ACCESS.Bus is enabled
1.4
V
All Other Inputs
0.8 V
CC
V
Logic Low
0.25 V
CC
V
Value of the Internal Bias Resistor
0.3
1.0
2.5
M
for the Crystal/Resonator Oscillator
Hi-Z Input Leakage (same as TRI-STATE output)
V
CC = 2.75V
−0.1
+0.1
µA
Input Pullup Current
V
CC = 2.75V, VIN = 0V
−15
−120
µA
Port Input Hysteresis
0.1
V
Output Current Levels
Source (Weak Pull-Up)
V
CC = 2.25V, VOH = 1.7V
−10
−80
µA
Source (Push-Pull Mode)
V
CC = 2.25V, VOH = 1.7V
−10
mA
Sink (Push-Pull Mode)
V
CC = 2.25V, VOL = 0.4V
10
mA
Allowable Sink & Source Current per Pin
16
mA
Maximum Input Current without Latchup
±200
mA
RAM Retention Voltage, Vr
TBD
V
Input Capacitance
8.5
pF
Flash Endurance
20K
Erase/Write
Cycles
Flash Data Retention
25˚C
100
years
www.national.com
10


Similar Part No. - COP8TAB5CLQ8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8TAB5CLQ8 NSC-COP8TAB5CLQ8 Datasheet
706Kb / 54P
   8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
More results

Similar Description - COP8TAB5CLQ8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8TAB9_0504 NSC-COP8TAB9_0504 Datasheet
1Mb / 59P
   8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
COP8TAB5 NSC-COP8TAB5 Datasheet
706Kb / 54P
   8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
logo
OKI electronic componet...
MSM65X227 OKI-MSM65X227 Datasheet
142Kb / 18P
   8-Bit Microcontroller (with 4K-Byte EEPROM)
logo
ATMEL Corporation
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
   8-Bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com